Electronic Components Datasheet Search
  English  ▼

X  

BQ32002D Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # BQ32002D
Description  BQ32002 Real-Time Clock (RTC)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ32002D Datasheet(HTML) 2 Page - Texas Instruments

  BQ32002D Datasheet HTML 1Page - Texas Instruments BQ32002D Datasheet HTML 2Page - Texas Instruments BQ32002D Datasheet HTML 3Page - Texas Instruments BQ32002D Datasheet HTML 4Page - Texas Instruments BQ32002D Datasheet HTML 5Page - Texas Instruments BQ32002D Datasheet HTML 6Page - Texas Instruments BQ32002D Datasheet HTML 7Page - Texas Instruments BQ32002D Datasheet HTML 8Page - Texas Instruments BQ32002D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
2
BQ32002
SLUSA96B – AUGUST 2010 – REVISED APRIL 2016
www.ti.com
Product Folder Links: BQ32002
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ..................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 4
6.5
Electrical Characteristics........................................... 5
6.6
Timing Requirements ................................................ 6
6.7
Typical Characteristics .............................................. 6
7
Detailed Description .............................................. 7
7.1
Overview ................................................................... 7
7.2
Functional Block Diagram ......................................... 7
7.3
Feature Description................................................... 7
7.4
Device Functional Modes........................................ 10
7.5
Programming........................................................... 10
7.6
Register Maps ......................................................... 12
8
Application and Implementation ........................ 19
8.1
Application Information............................................ 19
8.2
Typical Application .................................................. 19
9
Power Supply Recommendations ...................... 21
10
Layout................................................................... 21
10.1
Layout Guidelines ................................................. 21
10.2
Layout Example .................................................... 21
11
Device and Documentation Support ................. 22
11.1
Community Resources.......................................... 22
11.2
Trademarks ........................................................... 22
11.3
Electrostatic Discharge Caution ............................ 22
11.4
Glossary ................................................................ 22
12
Mechanical, Packaging, and Orderable
Information ........................................................... 22
4 Revision History
Changes from Revision A (December 2010) to Revision B
Page
•
Added Pin Configuration and Functions section, ESD Ratings section, Thermal Information section, Detailed
Description section, Device and Documentation Support section, and Mechanical, Packaging, and Orderable
Information section ................................................................................................................................................................ 1
•
Deleted Trickle Charge Pump from Functional Block Diagram/Application Circuit ............................................................... 1
•
Changed Crystal series resistance maximum from 40 k
Ω to 70 kΩ in Recommended Operating Conditions ...................... 4
•
Added Recommended Operating Conditions table note (1) Crystal load capacitance ±10% is allowed. ............................. 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com