Electronic Components Datasheet Search
  English  ▼

X  

BQ32002D Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # BQ32002D
Description  BQ32002 Real-Time Clock (RTC)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ32002D Datasheet(HTML) 21 Page - Texas Instruments

Back Button BQ32002D Datasheet HTML 17Page - Texas Instruments BQ32002D Datasheet HTML 18Page - Texas Instruments BQ32002D Datasheet HTML 19Page - Texas Instruments BQ32002D Datasheet HTML 20Page - Texas Instruments BQ32002D Datasheet HTML 21Page - Texas Instruments BQ32002D Datasheet HTML 22Page - Texas Instruments BQ32002D Datasheet HTML 23Page - Texas Instruments BQ32002D Datasheet HTML 24Page - Texas Instruments BQ32002D Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
OSCI
OSCO
VBACK
GND
VCC
SCL
SDA
____
IRQ
1 µF
0.22F
21
BQ32002
www.ti.com
SLUSA96B – AUGUST 2010 – REVISED APRIL 2016
Product Folder Links: BQ32002
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
9 Power Supply Recommendations
The BQ32002 is designed to operate from an input voltage supply, VCC, range between 3 and 3.6 V. The user
must place a minimum of 1-µF ceramic bypass capacitor rated for at least the maximum voltage as close as
possible to VCC and GND pin.
10 Layout
10.1 Layout Guidelines
The VCC pin should be bypassed to GND using a low-ESR ceramic bypass capacitor with a minimum
recommended value of 1 µF. This capacitor must be placed as close to the VCC and GND pins as possible with
thick trace or ground plane connection to the device GND pin.
Locate the 32.768-kHz crystal oscillator as close as possible to the OSCI and OSCO pins. This will minimize
stray capacitance.
10.2 Layout Example
Figure 11. Recommended PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com