Electronic Components Datasheet Search
  English  ▼

X  

BQ32002D Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # BQ32002D
Description  BQ32002 Real-Time Clock (RTC)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ32002D Datasheet(HTML) 13 Page - Texas Instruments

Back Button BQ32002D Datasheet HTML 9Page - Texas Instruments BQ32002D Datasheet HTML 10Page - Texas Instruments BQ32002D Datasheet HTML 11Page - Texas Instruments BQ32002D Datasheet HTML 12Page - Texas Instruments BQ32002D Datasheet HTML 13Page - Texas Instruments BQ32002D Datasheet HTML 14Page - Texas Instruments BQ32002D Datasheet HTML 15Page - Texas Instruments BQ32002D Datasheet HTML 16Page - Texas Instruments BQ32002D Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
13
BQ32002
www.ti.com
SLUSA96B – AUGUST 2010 – REVISED APRIL 2016
Product Folder Links: BQ32002
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
7.6.2 Normal Register Descriptions
Table 4. SECONDS Register
Address
0x00
Name
SECONDS
Initial Value
0XXXXXXb
Description
Clock seconds and STOP bit
D7
D6
D5
D4
D3
D2
D1
D0
BIT(S)
STOP
10_SECOND
1_SECOND
Name
r/w
r/w
r/w
Read/Write
0
X
X
X
X
X
X
X
Initial
UC
UC
UC
UC
UC
UC
UC
UC
Cycle
STOP
Oscillator stop. The STOP bit is used to force the oscillator to stop oscillating. STOP is set to 0 on initial application of
power, on all subsequent power cycles STOP remains unchanged. On initial power application STOP can be written to 1
and then written to 0 to force start the oscillator.
0
Normal
1
Stop
10_SECOND
BCD of tens of seconds. The 10_SECOND bits are the BCD representation of the number of tens of seconds on the
clock. Valid values are 0 to 5. If invalid data is written to 10_SECOND, the clock will update with invalid data in
10_SECOND until the counter rolls over; thereafter, the data in 10_SECOND is valid. Time keeping registers can take up
to 1 second to update after the RTC switches from backup power supply to main power supply.
1_SECOND
BCD of seconds. The 1_SECOND bits are the BCD representation of the number of seconds on the clock. Valid values
are 0 to 9. If invalid data is written to 1_SECOND, the clock will update with invalid data in 1_SECOND until the counter
rolls over; thereafter, the data in 1_SECOND is valid. Time keeping registers can take up to 1 second to update after the
RTC switches from backup power supply to main power supply.
Table 5. MINUTES Register
Address
0x01
Name
MINUTES
Initial Value
1XXXXXXb
Description
Clock minutes
D7
D6
D5
D4
D3
D2
D1
D0
BIT(S)
OF
10_MINUTE
1_MINUTE
Name
r/w
r/w
r/w
Read/Write
1
X
X
X
X
X
X
X
Initial
0
UC
UC
UC
UC
UC
UC
UC
Cycle
OF
Oscillator fail flag. The OF bit is a latched flag indicating when the 32.768-kHz oscillator has dropped at least four
consecutive pulses. The OF flag is always set on initial power-up, and it can be cleared through the serial interface.
When OF is 0, no oscillator failure has been detected. When OF is 1, the oscillator fail detect circuit has detected at least
four consecutive dropped pulses.
0
No failure detected
1
Failure detected
10_MINUTE
BCD of tens of minutes. The 10_MINUTE bits are the BCD representation of the number of tens of minutes on the clock.
Valid values are 0 to 5. If invalid data is written to 10_MINUTE, the clock will update with invalid data in 10_MINUTE until
the counter rolls over; thereafter, the data in 10_MINUTE is valid. Time keeping registers can take up to 1 second to
update after the RTC switches from backup power supply to main power supply.
1_MINUTE
BCD of minutes. The 1_MINUTE bits are the BCD representation of the number of minutes on the clock. Valid values are
0 to 9. If invalid data is written to 1_MINUTE, the clock will update with invalid data in 1_MINUTE until the counter rolls
over; thereafter, the data in 1_MINUTE is valid. Time keeping registers can take up to 1 second to update after the RTC
switches from backup power supply to main power supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com