Electronic Components Datasheet Search
  English  ▼

X  

AD9289 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9289
Description  Quad 8-Bit, 65 MSPS Serial LVDS 3V A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9289 Datasheet(HTML) 1 Page - Analog Devices

  AD9289 Datasheet HTML 1Page - Analog Devices AD9289 Datasheet HTML 2Page - Analog Devices AD9289 Datasheet HTML 3Page - Analog Devices AD9289 Datasheet HTML 4Page - Analog Devices AD9289 Datasheet HTML 5Page - Analog Devices AD9289 Datasheet HTML 6Page - Analog Devices AD9289 Datasheet HTML 7Page - Analog Devices AD9289 Datasheet HTML 8Page - Analog Devices AD9289 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Quad 8-Bit, 65 MSPS
Serial LVDS 3V A/D Converter
Preliminary Technical Data
AD9289
FEATURES
• Four ADCs in one package
• Serial LVDS digital output data rates up to 520 Mbps (ANSI-
644)
• Data clock output provided
• SNR = 47 dB (to Nyquist)
• Excellent Linearity:
DNL =
±0.25 LSB (Typical)
INL =
±0.5 LSB (Typical)
• 400 MHz full power analog bandwidth
• Power dissipation = 112 mW Core ADC Power
per channel at 65 MSPS
• 1 Vpp – 2 Vpp input voltage range
• +3.0 V supply operation
• Power down mode
APPLICATIONS
• Tape drives
• Medical imaging
PRODUCT DESCRIPTION
The AD9289 is a quad 8-bit, 65 MSPS analog–to–digital converter
with an on–chip track–and–hold circuit and is designed for low
cost, low power, small size and ease of use. The product operates
up to 65 MSPS conversion rate and is optimized for outstanding
dynamic performance where a small package size is critical.
The ADC requires a single+3V power supply and an LVDS
compatible sample rate clock for full performance operation. No
external reference or driver components are required for many
applications. A separate output power supply pin supports LVDS
compatible serial digital output levels.
The ADC automatically multiplies up the sample rate clock for the
appropriate LVDS serial data rate. An FCO trigger is provided to
signal a new output byte. Power down is supported, and the ADC
consumes less than 10mW when enabled.
Fabricated on an advanced CMOS process, the AD9289 is
available in a 64-ball mini-BGA package (64 CSP_BGA)
specified over the industrial temperature range (–40°C to +85°C).
FUNCTIONAL BLOCK DIAGRAM
Serial
LVDS
Pipeline
ADC
SHA
Data Rate
Multiplier
Ref
Select
+
-
0.5 V
Serial
LVDS
Pipeline
ADC
SHA
AD9289
D1+A
D1-A
D1+D
D1-D
CLK+ CLK-
AGND
VREF
SENSE
VIN+A
VIN-A
VIN+D
VIN-D
AVDD
DRVDD
8
8
PDWN
DCO+
DCO-
REFT_B
REFB_B
FCO+
FCO-
OR+ OR-
S1
DRGND
SHARED_REF CML
REFT_A
REFB_A
LVDSBIAS
LOCK
Figure 1. Functional Block Diagram
PRODUCT HIGHLIGHTS
1.
Four analog-to-digital converters are contained in one small,
space saving package.
2.
A Data Clock Out (DCO) is provided which operates up to
260 MHz.
3.
The outputs of each ADC are serialized and provided on the
rising and falling edge of DCO). Output data rates up to 520
Mbps (8 bits x 65 MSPS) are available.
4.
The AD9289 operates from a single 3V power supply.
5.
The clock duty cycle stabilizer maintains performance over a
wide range of input clock duty cycles
AD9289 R1
2.3MHz Typical at Nominal Conditions, 2VFS Int Ref
SNR = 49.1dB, SFDR = 71.9dB
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0
5
10
15
20
25
30
Figure 2. Measured FFT
Rev. PrJ
6/25/2004
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
that may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices. Trademarks
and registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106,
U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703© 2004 Analog Devices, Inc. All rights reserved.


Similar Part No. - AD9289

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9289 AD-AD9289 Datasheet
917Kb / 33P
Serial LVDS 3 V A/D Converter
Rev. 0
AD9289-65EB AD-AD9289-65EB Datasheet
917Kb / 33P
Serial LVDS 3 V A/D Converter
Rev. 0
AD9289-65EB1 AD-AD9289-65EB1 Datasheet
902Kb / 28P
High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9289BBC AD-AD9289BBC Datasheet
917Kb / 33P
Serial LVDS 3 V A/D Converter
Rev. 0
AD9289 AD-AD9289_15 Datasheet
1Mb / 32P
Quad 8-Bit, 65 MSPS, Serial LVDS 3 V A/D Converter
REV. 0
More results

Similar Description - AD9289

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9229 AD-AD9229 Datasheet
471Kb / 15P
Quad 12-Bit, 50/65 MSPS Serial LVDS 3V A/D Converter
06-Oct-2003
AD9219 AD-AD9219 Datasheet
1Mb / 52P
Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
4/06-Revision 0
AD9228 AD-AD9228 Datasheet
1Mb / 52P
Quad, 12-bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
4/06-Revision 0
AD9228 AD-AD9228_07 Datasheet
1Mb / 52P
Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. B
AD9229-65EBZ AD-AD9229-65EBZ Datasheet
789Kb / 40P
Quad, 12-Bit, 50/65 MSPS, Serial, LVDS, 3 V A/D Converter
REV. B
logo
Texas Instruments
ADC10065 TI1-ADC10065_14 Datasheet
1Mb / 27P
10-Bit 65 MSPS 3V A/D Converter
logo
Analog Devices
AD9229 AD-AD9229_15 Datasheet
789Kb / 40P
Quad, 12-Bit, 50/65 MSPS, Serial, LVDS, 3 V A/D Converter
REV. B
AD9228 AD-AD9228_15 Datasheet
2Mb / 56P
Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. E
AD9289 AD-AD9289_15 Datasheet
1Mb / 32P
Quad 8-Bit, 65 MSPS, Serial LVDS 3 V A/D Converter
REV. 0
logo
Texas Instruments
ADC10065 TI1-ADC10065_15 Datasheet
1Mb / 26P
10-Bit 65 MSPS 3V A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com