Electronic Components Datasheet Search
  English  ▼

X  

AD9289 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9289
Description  Quad 8-Bit, 65 MSPS Serial LVDS 3V A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9289 Datasheet(HTML) 4 Page - Analog Devices

  AD9289 Datasheet HTML 1Page - Analog Devices AD9289 Datasheet HTML 2Page - Analog Devices AD9289 Datasheet HTML 3Page - Analog Devices AD9289 Datasheet HTML 4Page - Analog Devices AD9289 Datasheet HTML 5Page - Analog Devices AD9289 Datasheet HTML 6Page - Analog Devices AD9289 Datasheet HTML 7Page - Analog Devices AD9289 Datasheet HTML 8Page - Analog Devices AD9289 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD9289
Preliminary Technical Data
Rev. PrJ | Page 4 of 16
6/25/2004
DIGITAL SPECIFICATIONS
AVDD = 3.0V, DRVDD = 3.0V
Parameter
Temp
Test
Level
Min
Typ
Max
Unit
Differential Input Voltage
1
Full
IV
247
mVpp
Input Common Mode Voltage
Full
IV
1.25
V
Input Resistance
Full
IV
k
Ω
CLOCK INPUTS
(CLK+, CLK-)
Input Capacitance
25
°C
IV
pF
Logic ‘1’ Voltage
Full
IV
2.0
V
Logic ‘0’ Voltage
Full
IV
0.8
V
Input Resistance
Full
IV
30
k
Ω
LOGIC INPUTS
Input Capacitance
Full
IV
4
PF
Differential Output Voltage (VOD)
Full
IV
247
454
mV
Output Offset Voltage (VOS)
Full
IV
1.125
1.375
V
DIGITAL OUTPUTS
(LVDS Mode)
Output Coding
Full
IV
Twos Complement or
Binary
Table 2: Digital Specifications
AC SPECIFICATIONS
2
AVDD = 3.0 V, DRVDD = 3.0 V; INTERNAL REF; DIFFERENTIAL ANALOG AND CLOCK INPUT, LVDS OUTPUT
MODE
Parameter
Temp
Test
Level
Min
Typ
Max
Unit
fIN= 10.3 MHz
25
°C
V
47.5
dB
fIN= 19.6 MHz
25
°C
V
dB
fIN= 32.5 MHz
25
°C
I
47.5
dB
SIGNAL TO NOISE
RATIO (SNR) –
Without Harmonics
fIN= 51 MHz
25
°C
V
dB
fIN= 10.3 MHz
25
°C
V
47
dB
fIN= 19.6 MHz
25
°C
V
dB
fIN= 32.5 MHz
25
°C
I
47
dB
SIGNAL TO NOISE
RATIO (SINAD) –
With Harmonics
fIN= 51 MHz
25
°C
V
dB
fIN= 10.3 MHz
25
°C
V
7.5
Bits
fIN= 19.6 MHz
25
°C
V
Bits
fIN= 32.5 MHz
25
°C
I
7.5
Bits
EFFECTIVE
NUMBER OF BITS
(ENOB)
fIN= 51 MHz
25
°C
V
Bits
fIN= 10.3 MHz
25
°C
V
62
dB
fIN= 19.6 MHz
25
°C
V
dB
fIN= 32.5 MHz
25
°C
I
59
dB
SPURIOUS FREE
DYNAMIC RANGE
(SFDR)
fIN= 51 MHz
25
°C
V
dB
fIN= 10.3 MHz
25
°C
V
62
dBc
fIN= 19.6 MHz
25
°C
V
dBc
fIN= 32.5 MHz
25
°C
I
59
dBc
SECOND AND
THIRD HARMONIC
DISTORTION
fIN= 51 MHz
25
°C
V
dBc
fIN= 10.3 MHz
25
°C
V
60
dBc
fIN= 19.6 MHz
25
°C
V
dBc
fIN= 32.5 MHz
25
°C
I
58
dBc
TOTAL HARMONIC
DISTORTION (THD)
fIN= 51 MHz
25
°C
V
dBc
1 Clock Inputs are LVDS compatible .Clock Inputs require external DC bias and cannot be AC coupled.
2 SNR/harmonics based on an analog input voltage of –0.5 dBFS referenced to a 1 Vpp full-scale input range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com