Electronic Components Datasheet Search
  English  ▼

X  

AD9786BSV Datasheet(PDF) 46 Page - Analog Devices

Part # AD9786BSV
Description  16-Bit, 200 MSPS/500 MSPS TxDAC with 2횞/4횞/8횞 Interpolation and Signal Processing
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9786BSV Datasheet(HTML) 46 Page - Analog Devices

Back Button AD9786BSV Datasheet HTML 42Page - Analog Devices AD9786BSV Datasheet HTML 43Page - Analog Devices AD9786BSV Datasheet HTML 44Page - Analog Devices AD9786BSV Datasheet HTML 45Page - Analog Devices AD9786BSV Datasheet HTML 46Page - Analog Devices AD9786BSV Datasheet HTML 47Page - Analog Devices AD9786BSV Datasheet HTML 48Page - Analog Devices AD9786BSV Datasheet HTML 49Page - Analog Devices AD9786BSV Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 60 page
background image
AD9786
Rev. 0 | Page 46 of 60
DATA INPUTS
Digital data inputs to the AD9786 are accessed on the
evaluation board through connectors J1 and J2. These are 40 pin
right angle connectors that are intended to be used with
standard ribbon cable connectors. The input levels should be
either 3.3 V or 2.5 V CMOS, depending on the setting of the
DRVDD jumper JP1. The data format is selectable through
Register 02h, Bit 7 (DATAFMT). With this bit set to a default 0,
the AD9786 assumes that the input data is in twos complement
format. With this bit set to 1, data should be input in offset
binary format.
When the evaluation board is first powered up and the clock
and data are running, it is recommended that the proper
operating current is verified. Depress reset switch SW1 to
ensure that the AD9786 is in the default mode. The default
mode for the AD9786 is for the interpolation set to 1×. The
modulator is turned off in the default mode. The nominal
operating currents for the evaluation board in the power-up
default mode are shown in Table 39.
Additionally, the DRVDD power supply on the AD9786 is used
to supply power for the digital input bus. DRVDD can be run
from 2.5 V or 3.3 V. On the evaluation board, DRVDD is jumper
selectable by JP1, just to the left of the chip on the evaluation
board. With the jumper set to the 3.3 V position, DRVDD chip
receives its power from VDD3IN. With the jumper set to the
2.5 V position, DRVDD receives its power from AVDIN.
SERIAL PORT
SW1 is a hard reset switch that sets the AD9786 to its default
state. It should be used every time the AD9786 power supply is
cycled or the clock is interrupted, or if new data is to be written
via the SPI port. Set the SPI software to read back data from the
AD9786 and verify that when the software is run, the expected
values are read back.
Table 39. Nominal Operating Currents in Power-Up Default Mode
Nominal Current @ Speed (mA)
Evaluation Board Power Supply
50 MSPS
100 MSPS
150 MSPS
200 MSPS
DVDD
26
49
74
99
CLKVDD
78
83
87
92
ACVDD and ADVDD
1
4
6
8
AVDD1
30
30
30
30
AVDD2
27
27
27
27
Table 40. SPI Registers
Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 0
01h
INTERP[1]
INTERP[0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com