Electronic Components Datasheet Search
  English  ▼

X  

AD9786BSV Datasheet(PDF) 33 Page - Analog Devices

Part # AD9786BSV
Description  16-Bit, 200 MSPS/500 MSPS TxDAC with 2횞/4횞/8횞 Interpolation and Signal Processing
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9786BSV Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9786BSV Datasheet HTML 29Page - Analog Devices AD9786BSV Datasheet HTML 30Page - Analog Devices AD9786BSV Datasheet HTML 31Page - Analog Devices AD9786BSV Datasheet HTML 32Page - Analog Devices AD9786BSV Datasheet HTML 33Page - Analog Devices AD9786BSV Datasheet HTML 34Page - Analog Devices AD9786BSV Datasheet HTML 35Page - Analog Devices AD9786BSV Datasheet HTML 36Page - Analog Devices AD9786BSV Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 60 page
background image
AD9786
Rev. 0 | Page 33 of 60
–8
–6
–4
–2
–0
2
4
6
8
–150
–100
–50
0
–8
–6
–4
–2
0
2
4
6
8
–150
–100
–50
0
–8
–6
–4
–2
0
2
4
68
–150
–100
–50
0
–8
–6
–4
–2
0
2
4
68
–150
–100
–50
0
NO INTERPOLATION
×4 INTERPOLATION
×2 INTERPOLATION
×8 INTERPOLATION
SINC RESPONSE
fSIN
fSIN
fSIN
fSIN
INTERP[1] = 1
INTERP[0] = 1
INTERP[1] = 1
INTERP[0] = 0
INTERP[1] = 0
INTERP[0] = 1
INTERP[1] = 0
INTERP[0] = 0
Figure 57. Interpolation Modes
REAL AND COMPLEX SIGNALS
A complex signal contains both magnitude and phase
information. Given two signals at the same frequency, if a point
in time can be taken such that the signal leading in phase is
cosinusoidal and the lagging signal is sinusoidal, then
information pertaining to the magnitude and phase of a
combination of the two signals can be derived; the combination
of the two signals can be considered a complex signal. The
cosine and sine can be represented as a series of exponentials;
recalling that a multiplication by j is a counterclockwise rotation
about the Re/Im plane, the phasor representation of a complex
signal, with frequency f, can be shown in Figure 58.
Im
Re
C
Re
Im
A/2
A/2
A/2
A/2
FREQUENCY
0
+f
–f
A
2
πft
C = Ae2πft = Acos(2
πft) + jAsin(2πft)
Acos(2
πft) = A
=
[e+j2πft + e–j2πft]
e+j2πft + e–j2πft
2
A
2
Asin(2
πft) = A
=
[je+j2πft + e–j2πft]
e+j2πft + e–j2πft
2j
A
2
Figure 58. Complex Phasor Representation
The cosine term represents a signal on the real plane with
mirror symmetry about dc; this is referred to as the real, in-
phase or I component of a complex signal. The sine term
represents a signal on the imaginary plane with mirror
asymmetry about dc; this term is referred to as the imaginary,
quadrature or Q complex signal component.
The AD9786 has two channels of interpolation filters, allowing
both I and Q components to be shaped by the same filter
transfer function. The interpolation filters’ frequency response
is a real transfer function. Two DACs are required to represent a
complex signal. A single DAC can only synthesize a real signal.
When a DAC synthesizes a real signal, negative frequency
components fold onto the positive frequency axis. If the input to
the DAC is mirror symmetrical about dc, the folded negative
frequency components fold directly onto the positive frequency
components in phase producing constructive signal summation.
If the input to the DAC is not mirror symmetric about dc,
negative frequency components may not be in phase with
positive frequency components and will cause destructive signal
summation. Different applications may or may not benefit from
either type of signal summation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com