Electronic Components Datasheet Search
  English  ▼

X  

AD9954 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9954
Description  400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9954 Datasheet(HTML) 3 Page - Analog Devices

  AD9954 Datasheet HTML 1Page - Analog Devices AD9954 Datasheet HTML 2Page - Analog Devices AD9954 Datasheet HTML 3Page - Analog Devices AD9954 Datasheet HTML 4Page - Analog Devices AD9954 Datasheet HTML 5Page - Analog Devices AD9954 Datasheet HTML 6Page - Analog Devices AD9954 Datasheet HTML 7Page - Analog Devices AD9954 Datasheet HTML 8Page - Analog Devices AD9954 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
AD9954
Rev. 0 | Page 3 of 36
GENERAL DESCRIPTION
The AD9954 is a direct digital synthesizer (DDS) featuring a
14-bit DAC operating up to 400 MSPS. The AD9954 uses
advanced DDS technology, coupled with an internal high speed,
high performance DAC to form a digitally programmable,
complete high frequency synthesizer capable of generating a
frequency-agile analog output sinusoidal waveform at up to
200 MHz. The AD9954 is designed to provide fast frequency
hopping and fine tuning resolution (32-bit frequency tuning
word). The frequency tuning and control words are loaded into
the AD9954 via a serial I/O port. The AD9954 includes an
integrated 1024 × 32 static RAM to support flexible frequency
sweep capability in several modes. The AD9954 also supports a
user defined linear sweep mode of operation. The device
includes an on-chip high speed comparator for applications
requiring a square wave output.
The AD9954 is specified to operate over the extended industrial
temperature range of –40°C to +105°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com