Electronic Components Datasheet Search
  English  ▼

X  

AD9954 Datasheet(PDF) 33 Page - Analog Devices

Part # AD9954
Description  400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9954 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9954 Datasheet HTML 28Page - Analog Devices AD9954 Datasheet HTML 29Page - Analog Devices AD9954 Datasheet HTML 30Page - Analog Devices AD9954 Datasheet HTML 31Page - Analog Devices AD9954 Datasheet HTML 32Page - Analog Devices AD9954 Datasheet HTML 33Page - Analog Devices AD9954 Datasheet HTML 34Page - Analog Devices AD9954 Datasheet HTML 35Page - Analog Devices AD9954 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
AD9954
Rev. 0 | Page 33 of 36
2)
The system must maintain synchronization with the
AD9954 or the internal control logic will not be able to
recognize further instructions. For example, if the system
sends an instruction byte that describes writing a 2-byte
register, then pulses the SCLK pin for a 3-byte write (24
additional SCLK rising edges), communication synchroni-
zation is lost. In this case, the first 16 SCLK rising edges
after the instruction cycle will properly write the first two
data bytes into the AD9954, but the next eight rising SCLK
edges are interpreted as the next instruction byte not the
final byte of the previous communication cycle. In the case
where synchronization is lost between the system and the
AD9954, the IOSYNC pin provides a means to re-establish
synchronization without re-initializing the entire chip. The
IOSYNC pin enables the user to reset the AD9954 state
machine to accept the next eight SCLK rising edges to be
coincident with the instruction phase of a new communi-
cation cycle. By applying and removing a high signal to the
IOSYNC pin, the AD9954 is set to once again begin per-
forming the communication cycle in synchronization with
the system. Any information that had been written to the
AD9954 registers during a valid communication cycle
prior to loss of synchronization will remain intact.
address specified as the beginning address. When in LSB first
mode, the first data byte will be for the least significant byte
of the memory (specified by the beginning address) with the
remaining three bytes making up the greater significant bytes of
that address. The remaining bytes come in least significant to
most significant, destined for RAM addresses generated in
ascending order until the final four bytes are written into the
memory address described by the final address. Of course, the
bit order for all bytes is least significant to most significant first
when the LSB first bit is set. When the LSB first bit is cleared
(default), the bit order for all bytes is most significant to least
significant.
The RAM uses serial address 01011(b), so the instruction byte
to write the RAM is 0×0B, in MSB first notation. As mentioned
above, the RAM addresses generated are specified by the begin-
ning and final address of the RSCW currently selected by the
Profile<1:0> pins.
Notes on serial port operation:
1)
The AD9954 serial port configuration bits reside in Bits 8
and 9 of CFR1 (Address 0x00). The configuration changes
immediately upon writing to this register. For multibyte
transfers, writing to this register may occur during the
middle of a communication cycle. Care must be taken to
compensate for this new configuration for the remainder
of the current communication cycle.
3)
Reading profile registers requires that the profile select pins
(Profile<1:0>) be configured to select the desired register
bank. When reading a register that resides in one of the
profiles, the register address acts as an offset to select one
of the registers among the group of registers defined by the
profile, while the profile select pins select the appropriate
register group.
Power-Down Functions of the AD9954
The AD9954 supports an externally controlled or hardware
power-down feature as well as the more common software pro-
grammable power-down bits found in previous ADI DDS products.
The software control power-down allows the DAC, comparator,
PLL, input clock circuitry, and the digital logic to be individu-
ally power down via unique control bits (CFR1<7:4>). With the
exception of CFR1<6>, these bits are not active when the exter-
nally controlled power-down pin (PWRDWNCTL) is high.
External power-down control is supported on the AD9954 via
the PWRDWNCTL input pin. When the PWRDWNCTL input
pin is high, the AD9954 will enter a power-down mode based
on the CFR1<3> bit. When the PWRDWNCTL input pin is low,
the external power-down control is inactive.
When the CFR1<3> bit is 0, and the PWRDWNCTL input pin
is high, the AD9954 is put into a fast recovery power-down
mode. In this mode, the digital logic and the DAC digital logic
are powered down. The DAC bias circuitry, comparator, PLL,
oscillator, and clock input circuitry is NOT powered down. The
comparator can be powered down by setting the comparator
power-down bit, CFR1<6> = 1.
When the CFR1<3> bit is high, and the PWRDWNCTL input
pin is high, the AD9954 is put into the full power-down mode.
In this mode, all functions are powered down. This includes the
DAC and PLL, which take a significant amount of time to
power up.
When the PWRDWNCTL input pin is high, the individual
power-down bits (CFR1<7>, <5:4>) are invalid (Don’t Care)
and unused; however, the comparator power-down bit,
CFR1<6>, will continue to control the power-down of the com-
parator.When the PWRDWNCTL input pin is low, the individual
power-down bits control the power-down modes of operation.
Note that the power-down signals are all designed such that a
Logic 1 indicates the low power mode and a Logic 0 indicates
the active or powered up mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com