Electronic Components Datasheet Search
  English  ▼

X  

AD9954 Datasheet(PDF) 32 Page - Analog Devices

Part # AD9954
Description  400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9954 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9954 Datasheet HTML 28Page - Analog Devices AD9954 Datasheet HTML 29Page - Analog Devices AD9954 Datasheet HTML 30Page - Analog Devices AD9954 Datasheet HTML 31Page - Analog Devices AD9954 Datasheet HTML 32Page - Analog Devices AD9954 Datasheet HTML 33Page - Analog Devices AD9954 Datasheet HTML 34Page - Analog Devices AD9954 Datasheet HTML 35Page - Analog Devices AD9954 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
AD9954
Rev. 0 | Page 32 of 36
INSTRUCTION BYTE
The instruction byte contains the following information:
Table 12.
MSB
D6
D5
D4
D3
D2
D1
LSB
R/Wb
X
X
A4
A3
A2
A1
A0
R/Wb—Bit 7 of the instruction byte determines whether a read
or write data transfer will occur after the instruction byte write.
Logic High indicates read operation. Logic 0 indicates a write
operation.
X, X—Bits 6 and 5 of the instruction byte are Don’t Care.
A4, A3, A2, A1, A0—Bits 4, 3, 2, 1, 0 of the instruction byte
determine which register is accessed during the data transfer
portion of the communications cycle.
SERIAL INTERFACE PORT PIN DESCRIPTION
SCLK—Serial Clock. The serial clock pin is used to synchronize
data to and from the AD9954 and to run the internal state ma-
chines. SCLK maximum frequency is 25 MHz.
CSB—Chip Select Bar. CSB is active low input that allows more
than one device on the same serial communications line. The
SDO and SDIO pins will go to a high impedance state when this
input is high. If driven high during any communications cycle,
that cycle is suspended until CS is reactivated low. Chip select
can be tied low in systems that maintain control of SCLK.
SDIO — Serial Data I/O. Data is always written into the
AD9954 on this pin. However, this pin can be used as a
bidirectional data line. Bit 7 of Register Address 0x0 controls
the configuration of this pin. The default is Logic 0, which
configures the SDIO pin as bidirectional.
SDO—Serial Data Out. Data is read from this pin for protocols
that use separate lines for transmitting and receiving data. In the
case where the AD9954 operates in a single bidirectional I/O
mode, this pin does not output data and is set to a high imped-
ance state.
IOSYNC—It synchronizes the I/O port state machines without
affecting the addressable registers contents. An active high input
on the IOSYNC pin causes the current communication cycle to
abort. After IOSYNC returns low (Logic 0), another communi-
cation cycle may begin, starting with the instruction byte write.
MSB/LSB TRANSFERS
The AD9954 serial port can support both most significant bit
(MSB) first or least significant bit (LSB) first data formats. This
functionality is controlled by the Control Register 0x00 <8> bit.
The default value of Control Register 0x00 <8> is low (MSB
first). When Control Register 0x00 <8> is set high, the AD9954
serial port is in LSB first format. The instruction byte must be
written in the format indicated by Control Register 0x00 <8>. If
the AD9954 is in LSB first mode, the instruction byte must be
written from least significant bit to most significant bit.
For MSB first operation, the serial port controller will generate
the most significant byte (of the specified register) address first
followed by the next lesser significant byte addresses until the
I/O operation is complete. All data written to (read from) the
AD9954 must be (will be) in MSB first order. If the LSB mode is
active, the serial port controller will generate the least signifi-
cant byte address first followed by the next greater significant
byte addresses until the I/O operation is complete. All data writ-
ten to (read from) the AD9954 must be (will be) in LSB first
order.
Example Operation
To write the amplitude scale factor register in MSB first format,
apply an instruction byte of 0x02 (serial address is 00010(b)).
From this instruction, the internal controller will generate an
internal byte address of 0x07 (see the register map) for the first
data byte written and an internal address of 0x08 for the next
byte written. Since the amplitude scale factor register is two
bytes wide, this ends the communication cycle.
To write the amplitude scale factor register in LSB first format,
apply an instruction byte of 0x40. From this instruction, the
internal controller will generate an internal byte address of 0x08
(see the register map) for the first data byte written and an in-
ternal address of 0x07for the next byte written. Since the ampli-
tude scale factor register is two bytes wide, this ends the com-
munication cycle.
RAM I/O VIA SERIAL PORT
Accessing the RAM via the serial port is identical to any other
serial I/O operation except that the number of bytes transferred
is determined by the address space between the beginning
address and the final address as specified in the current RAM
segment control word (RSCW). The final address describes the
most significant word address for all I/O transfers and the
beginning address specifies the least significant address.
RAM I/O supports MSB/LSB first operation. When in MSB first
mode, the first data byte will be for the most significant byte of
the memory address described by the final address with the
remaining three bytes making up the lesser significant bytes of
that address. The remaining bytes come in most significant to
least significant, destined for RAM addresses generated in
descending order until the final four bytes are written into the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com