Electronic Components Datasheet Search
  English  ▼

X  

ADS7881IPFBT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7881IPFBT
Description  12-BIT, 4-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7881IPFBT Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS7881IPFBT Datasheet HTML 9Page - Texas Instruments ADS7881IPFBT Datasheet HTML 10Page - Texas Instruments ADS7881IPFBT Datasheet HTML 11Page - Texas Instruments ADS7881IPFBT Datasheet HTML 12Page - Texas Instruments ADS7881IPFBT Datasheet HTML 13Page - Texas Instruments ADS7881IPFBT Datasheet HTML 14Page - Texas Instruments ADS7881IPFBT Datasheet HTML 15Page - Texas Instruments ADS7881IPFBT Datasheet HTML 16Page - Texas Instruments ADS7881IPFBT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
ADS7881
SLAS400 − SEPTEMBER 2003
www.ti.com
13
TYPICAL CHARACTERISTICS(1)
Figure 13
0
20000
40000
60000
80000
100000
120000
140000
2046
2047
2048
2049
2050
Code
HISTOGRAM
(DC CODE SPREAD AT THE CENTER OF CODE)
+VA = 5 V,
+VBD = 5 V,
Code = 2048,
TA = 255C
Count = 130879
Count
= 0
Count
= 1
Count
= 192
Count
= 0
Figure 14
11
11.1
11.2
11.3
11.4
11.5
11.6
11.7
11.8
11.9
12
−40
−20
0
20
40
60
80
EFFECTIVE NUMBER OF BITS
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
fi = 100 kHz,
+VA = 5 V,
+VBD = 5 V
Figure 15
71
71.2
71.4
71.6
71.8
72
−40
−20
0
20
40
60
80
SIGNAL-TO-NOISE AND DISTORTION
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
fi = 100 kHz,
+VA = 5 V,
+VBD = 5 V
Figure 16
71
71.1
71.2
71.3
71.4
71.5
71.6
71.7
71.8
71.9
72
−40
−20
0
20
40
60
80
SIGNAL-TO-NOISE RATIO
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
fi = 100 kHz,
+VA = 5 V,
+VBD = 5 V
(1) At sample rate = 4 MSPS, Vref = 2.5 V external, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com