Electronic Components Datasheet Search
  English  ▼

X  

ADS7881IPFBT Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7881IPFBT
Description  12-BIT, 4-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7881IPFBT Datasheet(HTML) 23 Page - Texas Instruments

Back Button ADS7881IPFBT Datasheet HTML 18Page - Texas Instruments ADS7881IPFBT Datasheet HTML 19Page - Texas Instruments ADS7881IPFBT Datasheet HTML 20Page - Texas Instruments ADS7881IPFBT Datasheet HTML 21Page - Texas Instruments ADS7881IPFBT Datasheet HTML 22Page - Texas Instruments ADS7881IPFBT Datasheet HTML 23Page - Texas Instruments ADS7881IPFBT Datasheet HTML 24Page - Texas Instruments ADS7881IPFBT Datasheet HTML 25Page - Texas Instruments ADS7881IPFBT Datasheet HTML 26Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
ADS7881
SLAS400 − SEPTEMBER 2003
www.ti.com
23
21
Ω
0.1
µF
1
µF
0.1
µF
1
µF
Analog Input
Circuit
21
Ω
+VA
AGND
REFOUT
REFIN
REFM
+IN
−IN
ADS7881
Analog 5 V
AGND
AGND
Figure 38. Using Internal Reference
21
Ω
ADS7881
21
Ω
+IN
−IN
150 pF
12
Ω
_
+
THS4211
604
Ω
130 pF
604
Ω
100
Ω
1 nF
1 k
Ω
3 k
Ω
2.5 V DC
Signal Input
AGND
AGND
Figure 39. Typical Analog Input Circuit
CS
BYTE
CONVST
DB[11:4]
BUSY
ADS7881
Microcontroller
RD
RD
INT
P[7:0]
GPIO
GPIO
GPIO
Figure 40. Interfacing With Microcontroller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com