Electronic Components Datasheet Search
  English  ▼

X  

ADS7881IPFBT Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7881IPFBT
Description  12-BIT, 4-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7881IPFBT Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS7881IPFBT Datasheet HTML 17Page - Texas Instruments ADS7881IPFBT Datasheet HTML 18Page - Texas Instruments ADS7881IPFBT Datasheet HTML 19Page - Texas Instruments ADS7881IPFBT Datasheet HTML 20Page - Texas Instruments ADS7881IPFBT Datasheet HTML 21Page - Texas Instruments ADS7881IPFBT Datasheet HTML 22Page - Texas Instruments ADS7881IPFBT Datasheet HTML 23Page - Texas Instruments ADS7881IPFBT Datasheet HTML 24Page - Texas Instruments ADS7881IPFBT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
ADS7881
SLAS400 − SEPTEMBER 2003
www.ti.com
21
Table 1. Ideal Input Voltages and Output Codes(1)
DESCRIPTION
ANALOG VALUE
BINARY CODE
HEX CODE
Full scale
Vref − 1 LSB
1111 1111 1111
FFF
Midscale
Vref/2
1000 0000 0000
800
Midscale − 1 LSB
Vref/2 − 1 LSB
0111 1111 1111
7FF
Zero
0 V
0000 0000 0000
000
(1) Full-scale range = Vref and least significant bit (LSB) = Vref/4096
The output data appears as a full 12-bit word (D11−D0) on pins DB11 – DB0 (MSB−LSB) if BYTE is low.
READING THE DATA IN BYTE MODE
The result can also be read on an 8-bit bus for convenience by using pins DB11−DB4. In this case two reads
are necessary; the first as before, leaving BYTE low and reading the 8 most significant bits on pins DB11−DB4,
and then bringing BYTE high. When BYTE is high, the lower bits (D3−D0) followed by all zeros are on pins DB11
− DB4 (refer to Table 2).
These multi-word read operations can be performed with multiple active RD signals (toggling) or with RD tied
low for simplicity.
Table 2. Conversion Data Read Out
BYTE
DATA READ OUT
BYTE
DB11 − DB4
DB3 − DB0
High
D3 − D0, 0000
All zeroes
Low
D11 − D4
D3 − D0
Also refer to the DATA READ and DEVICE OPERATION AND DATA READ IN BACK-TO-BACK
CONVERSION sections for more details.
Reset
Refer to the POWERDOWN/RESET section for the device reset sequence.
It is recommended to reset the device after power on. A reset can be issued once the power has reached 95%
of its final value.
PWD/RST
is an asynchronous active low input signal. A current conversion is aborted no later than 45 ns after
the converter is in the reset mode. In addition, the device outputs a FE0 code to indicate a reset condition. The
converter returns back to normal operation mode immediately after the PWD/RST input is brought high.
Data is not valid for the first four conversions after a device reset.
Powerdown
Refer to the POWERDOWN/RESET section for the device powerdown sequence.
The device enters powerdown mode if a PWD/RST low duration is extended for more than a period of tw7.
The converter goes back to normal operation mode no later than a period of td13 after the PWD/RST input is
brought high.
After this period, normal conversion and sampling operation can be started as discussed in previous sections.
Data is not valid for the first four conversions after a device reset.
Nap Mode
Refer to the NAP MODE section in the DESCRIPTION AND TIMING DIAGRAMS section for information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com