Electronic Components Datasheet Search
  English  ▼

X  

ADS7890IPFBT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7890IPFBT
Description  14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7890IPFBT Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS7890IPFBT Datasheet HTML 3Page - Texas Instruments ADS7890IPFBT Datasheet HTML 4Page - Texas Instruments ADS7890IPFBT Datasheet HTML 5Page - Texas Instruments ADS7890IPFBT Datasheet HTML 6Page - Texas Instruments ADS7890IPFBT Datasheet HTML 7Page - Texas Instruments ADS7890IPFBT Datasheet HTML 8Page - Texas Instruments ADS7890IPFBT Datasheet HTML 9Page - Texas Instruments ADS7890IPFBT Datasheet HTML 10Page - Texas Instruments ADS7890IPFBT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
ADS7890
SLAS409 − DECEMBER 2003
www.ti.com
7
Terminal Functions
PIN
NAME
I/O
DESCRIPTION
31
SDO
O
Serial data out. Data (excluding MSB) is latched out on the rising of SCLK with MSB first format. MSB
is latched with the rising edge of FS or falling edge of CS depending on whether a DSP or SPI
interface is used.
36
BUSY
O
Status output. This pin is high when a conversion is in progress.
39
SCLK
I
Serial clock. The device needs a minimum of 16 clocks per frame. As described in the timing
diagrams, it controls serial data out (first 14 clocks), powerup (from nap) on the 8th rising edge of
SCLK, start of sample (track) on the 9th rising edge and end of sample or start of conversion on the
16th falling edge of SCLK. The clock can be stopped after the 16th falling edge. It is important to have
minimum jitter on SCLK as it decides the sampling instance and the jitter results in a loss of SNR
performance.
41
FS
I
Frame sync. The rising edge of FS starts a new sample and convert frame. The MSB from the
previous conversion is latched out on the rising edge of FS. The rising edge of FS during an internal
convert (see Figure 12) aborts the conversion and starts a new frame.
42
CS
I
Chip Select. Active low signal. The falling edge of CS starts a new sample and convert frame. The
MSB from the previous conversion is latched out on the falling edge of CS. This signal can be pulled
high after the 16th falling edge of SCLK during the frame. SDO goes to three-state with CS high. The
falling edge of CS during internal convert (see Figure 7) aborts the conversion and starts a new
frame.
24, 34, 40
+VBD
Digital power supply for all digital inputs and outputs. Refer to Table 2 for layout guidelines.
25, 35, 37
BDGND
Digital ground for all digital inputs and outputs. Needs to be shorted to analog ground plane below
the device.
38
PWD/RST
I
Active low input, acts as device power down/device reset signal.
5, 8, 11, 12, 14,
15, 44, 45
AGND
Analog ground pins. Need to be shorted to analog ground plane below the device.
4, 9, 10, 13, 43,
46
+VA
Analog power supplies. Refer to Table 2 for layout guidelines.
6
+IN
I
Non inverting analog input channel
7
−IN
I
Inverting analog input channel
1
REFIN
I
Reference (positive) input. Needs to be decoupled with REFM pin using 0.1-
µF bypass capacitor
and 1-
µF storage capacitor.
2
REFOUT
O
Internal reference output. To be shorted to REFIN pin when internal reference is used. Do not
connect to REFIN pin when external reference is used. Always needs to be decoupled with AGND
using 0.1-
µF bypass capacitor.
47, 48
REFM
I
Reference ground. To be connected to analog ground plane.
3, 16 − 23, 26 −
30, 32, 33
NC
No connection pins.
DESCRIPTION AND TIMING DIAGRAMS
DEVICE OPERATION WITH SPI INTERFACE (See Figure 1)
Device operation is controlled with CS and SCLK with FS always held high. The frame starts with the falling
edge of CS. The MSB is latched out first on the SDO pin. The clock cycle, with the first falling edge after the
falling edge of CS, is counted as first clock. Subsequent data bits are latched out on the SDO pin with every
rising edge of further clocks (until the 14th rising edge of SCLK). The device has a built-in NAP mode. The device
enters the NAP state with an end of conversion and continues to be in this state until the 8th SCLK rising edge.
The sampling switch is closed on the 9th SCLK rising edge and the device samples the analog input [+IN− (−IN)]
and enters the conversion phase on the 16th SCLK falling edge. The BUSY signal goes high to indicate the
conversion is in progress and continues to be high until the end of conversion. A new frame can be started with
the end of conversion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com