Electronic Components Datasheet Search
  English  ▼

X  

ADS7890IPFBT Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7890IPFBT
Description  14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7890IPFBT Datasheet(HTML) 22 Page - Texas Instruments

Back Button ADS7890IPFBT Datasheet HTML 17Page - Texas Instruments ADS7890IPFBT Datasheet HTML 18Page - Texas Instruments ADS7890IPFBT Datasheet HTML 19Page - Texas Instruments ADS7890IPFBT Datasheet HTML 20Page - Texas Instruments ADS7890IPFBT Datasheet HTML 21Page - Texas Instruments ADS7890IPFBT Datasheet HTML 22Page - Texas Instruments ADS7890IPFBT Datasheet HTML 23Page - Texas Instruments ADS7890IPFBT Datasheet HTML 24Page - Texas Instruments ADS7890IPFBT Datasheet HTML 25Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
ADS7890
SLAS409 − DECEMBER 2003
www.ti.com
22
APPLICATION INFORMATION
LAYOUT
For optimum performance, care should be taken with the physical layout of the ADS7890 circuitry.
As the ADS7890 offers single-supply operation, it is often used in close proximity with digital logic,
micro-controllers, microprocessors, and digital signal processors. The more digital logic present in the design
and the higher the switching speed, the more difficult it is to achieve acceptable performance from the converter.
The basic SAR architecture is sensitive to glitches or sudden changes on the power supply, reference, ground
connections, and digital inputs that occur just prior to the end of sampling (close to the 16th SCLK falling edge)
and just prior to latching the output of the analog comparator during the conversion phase. Thus, driving any
single conversion for an n-bit SAR converter, there are n+1 windows in which large external transient voltages
can affect the conversion result. Such glitches might originate from switching power supplies, nearby digital
logic, or high power devices.
The degree of error in the digital output depends on the reference voltage, layout, and the exact timing of the
external event.
On average, the ADS7890 draws very little current from an external reference as the reference voltage is
internally buffered. If the reference voltage is external and originates from an op amp, make sure that it can drive
the bypass capacitor or capacitors without oscillation. A 0.1-
µF bypass capacitor and 1-µF storage capacitor
are recommended from REFIN (pin 1) directly to REFM (pin 48).
The AGND and BDGND pins should be connected to a clean ground point. In all cases, this should be the analog
ground. Avoid connections which are too close to the grounding point of a micro-controller or digital signal
processor. If required, run a ground trace directly from the converter to the power supply entry point. The ideal
layout consists of an analog ground plane dedicated to the converter and associated analog circuitry.
As with the AGND connections, +VA should be connected to a 5-V power supply plane that is separate from
the connection for +VBD and digital logic until they are connected at the power entry point onto the PCB. Power
to the ADS7890 should be clean and well bypassed. A 0.1-
µF ceramic bypass capacitor should be placed as
close to the device as possible. See Table 2 for the placement of capacitor. In addition to a 0.1-
µF capacitor,
a 1-
µF capacitor is recommended. In some situations, additional bypassing may be required, such as a 100-µF
electrolytic capacitor or even a Pi filter made up of inductors and capacitors, all designed to essentially low-pass
filter the 5-V supply, removing the high frequency noise.
Table 2. Power Supply Decoupling Capacitor Placement
POWER SUPPLY PLANE
CONVERTER ANALOG SIDE
CONVERTER DIGITAL SIDE
SUPPLY PINS
CONVERTER ANALOG SIDE
CONVERTER DIGITAL SIDE
Pairs of pins that require a shortest path to decoupling
capacitors
(4,5), (9,8), (10,11), (13, 15), (43, 44) (46, 45)
(24, 25), (34, 35)
Pins that require no decoupling
14, 12
21
Ω
0.1
µF
1
µF
0.1
µF
0.1
µF
1
µF
Analog Input
Circuit
21
Ω
+VA
AGND
REFOUT
REFIN
REFM
+IN
−IN
ADS7890
Analog 5 V
AGND
External
Reference in
AGND
Figure 37. Using External Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com