Electronic Components Datasheet Search
  English  ▼

X  

ADS7890IPFBT Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7890IPFBT
Description  14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7890IPFBT Datasheet(HTML) 14 Page - Texas Instruments

Back Button ADS7890IPFBT Datasheet HTML 10Page - Texas Instruments ADS7890IPFBT Datasheet HTML 11Page - Texas Instruments ADS7890IPFBT Datasheet HTML 12Page - Texas Instruments ADS7890IPFBT Datasheet HTML 13Page - Texas Instruments ADS7890IPFBT Datasheet HTML 14Page - Texas Instruments ADS7890IPFBT Datasheet HTML 15Page - Texas Instruments ADS7890IPFBT Datasheet HTML 16Page - Texas Instruments ADS7890IPFBT Datasheet HTML 17Page - Texas Instruments ADS7890IPFBT Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
ADS7890
SLAS409 − DECEMBER 2003
www.ti.com
14
Figure 17
85
90
95
100
105
−40
−20
0
20
40
60
80
SPURIOUS FREE DYNAMIC RANGE
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
fi = 100 kHz,
Sample Rate = 1.25 MSPS,
+VA = 5 V,
+VBD = 5 V,
Vref = 2.5 V
Figure 18
−105
−100
−95
−90
−85
−40
−20
0
20
40
60
80
TOTAL HARMONIC DISTORTION
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
fi = 100 kHz,
Sample Rate = 1.25 MSPS,
+VA = 5 V,
+VBD = 5 V,
Vref = 2.5 V
Figure 19
11
11.5
12
12.5
13
13.5
14
0
100
200
300
400
500
EFFECTIVE NUMBER OF BITS
vs
INPUT FREQUENCY
fi − Input Frequency − kHz
TA = 255C,
Sample Rate = 1.25 MSPS,
+VA = 5 V,
+VBD = 5 V,
Vref = 2.5 V
Figure 20
73
74
75
76
77
78
79
0
100
200
300
400
500
fi − Input Frequency − kHz
SIGNAL-TO-NOISE AND DISTORTION
vs
INPUT FREQUENCY
TA = 255C,
Sample Rate = 1.25 MSPS,
+VA = 5 V,
+VBD = 5 V,
Vref = 2.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com