Electronic Components Datasheet Search
  English  ▼

X  

ADM3311EARU Datasheet(PDF) 4 Page - Analog Devices

Part # ADM3311EARU
Description  15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3311EARU Datasheet(HTML) 4 Page - Analog Devices

  ADM3311EARU Datasheet HTML 1Page - Analog Devices ADM3311EARU Datasheet HTML 2Page - Analog Devices ADM3311EARU Datasheet HTML 3Page - Analog Devices ADM3311EARU Datasheet HTML 4Page - Analog Devices ADM3311EARU Datasheet HTML 5Page - Analog Devices ADM3311EARU Datasheet HTML 6Page - Analog Devices ADM3311EARU Datasheet HTML 7Page - Analog Devices ADM3311EARU Datasheet HTML 8Page - Analog Devices ADM3311EARU Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
REV. G
–4–
ADM3307E/ADM3310E/ADM3311E/ADM3312E/ADM3315E
SPECIFICATIONS (continued)
ABSOLUTE MAXIMUM RATINGS
*
(TA = 25
∞C, unless otherwise noted)
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +4 V
V+
. . . . . . . . . . . . . . . . . . . . . . . . . . . . (VCC – 0.3 V) to +9 V
V–
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+0.3 V to –9 V
Input Voltages
TIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +6 V
RIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±30 V
Output Voltages
TOUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±15 V
ROUT . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to (VCC + 0.3 V)
Short Circuit Duration
TOUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous
Thermal Impedance,
qJA
CP-32 LFCSP . . . . . . . . . . . . . . . . . . . . . . . . . . . 32.5
∞C/W
RU-28 TSSOP . . . . . . . . . . . . . . . . . . . . . . . . . . . 68.0
∞C/W
RU-24 TSSOP . . . . . . . . . . . . . . . . . . . . . . . . . . . 68.0
∞C/W
RS-28 SSOP . . . . . . . . . . . . . . . . . . . . . . . . . . . . .76.0
∞C/W
Operating Temperature Range
Industrial (A Version) . . . . . . . . . . . . . . . . . . –40
∞C to +85∞C
Storage Temperature Range . . . . . . . . . . –65
∞C to +150∞C
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . . 300
∞C
ESD Rating (IEC 1000-4-2 Air) (RS-232 I/Os) . . . . . . .
±15 kV
ESD Rating (IEC 1000-4-2 Contact) (RS-232 I/Os) . . . .
±8 kV
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operation
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Output Voltage Swing
ADM3310E, ADM3315E
±5.0
±5.5
V
All Transmitter Outputs Loaded with
3k
W to Ground
ADM3307E, ADM3311E, ADM3312
±5.0
±6.4
V
(VCC = 3.0 V)
±5.5
V
(VCC = 2.7 V)
All Transmitter Outputs Loaded with
3k
W to Ground
Transmitter Output Resistance
300
W
VCC = 0 V, VOUT =
±2 V
RS-232
Output Short Circuit Current
±15
±60
mA
Maximum Data Rate
ADM3307E
250
720
kbps
RL = 3 k
W to 7 kW, CL = 50 pF to 1000 pF,
VCC = 2.7 V
460
920
kbps
RL = 3 k
W to 7 kW, CL = 50 pF to 1000 pF,
VCC = 3.0 V
ADM3310E, ADM3311E, ADM3312E
250
460
kbps
RL = 3 k
W to 7 kW, CL = 50 pF to 1000 pF,
ADM3315E
VCC = 3.0 V
Receiver Propagation Delay, TPHL, TPLH
0.3
msCL = 150 pF
0.17
1
msCL = 150 pF; ADM3307E Only
Receiver Output Enable Time, tER
100
ns
Receiver Output Disable Time, tDR
300
ns
Transmitter Propagation Delay, TPHL, TPLH
500
ns
RL = 3 k
W, CL = 1000 pF
Transition Region Slew Rate
3
18
V/
msRL = 3 kW, CL = 50 pF to 1000 pF1
ESD PROTECTION (I/O PINS)
±15
kV
Human Body Model
±15
kV
IEC 1000-4-2 Air Discharge
±8kVIEC 1000-4-2 Contact Discharge2
NOTES
1Measured at +3 V to –3 V or –3 V to +3 V.
2Includes CMOS I/O, SD, and
EN for ADM3307E.
Specification subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com