Electronic Components Datasheet Search
  English  ▼

X  

ADM3311EARU Datasheet(PDF) 9 Page - Analog Devices

Part # ADM3311EARU
Description  15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3311EARU Datasheet(HTML) 9 Page - Analog Devices

Back Button ADM3311EARU Datasheet HTML 5Page - Analog Devices ADM3311EARU Datasheet HTML 6Page - Analog Devices ADM3311EARU Datasheet HTML 7Page - Analog Devices ADM3311EARU Datasheet HTML 8Page - Analog Devices ADM3311EARU Datasheet HTML 9Page - Analog Devices ADM3311EARU Datasheet HTML 10Page - Analog Devices ADM3311EARU Datasheet HTML 11Page - Analog Devices ADM3311EARU Datasheet HTML 12Page - Analog Devices ADM3311EARU Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
REV. G
ADM3307E/ADM3310E/ADM3311E/ADM3312E/ADM3315E
–9–
25
20
15
10
5
0
0
200
400
600
800
1000
1200
LOAD CAPACITANCE – pF
TCP 7. Supply Current vs. Load Capacitance (RL = Infinite)
(VCC = 3.3 V, Data Rate = 460 kbps)
LOAD CAPACITANCE – pF
0
600
200
400
10
12
800
1000
14
16
18
20
22
24
26
28
30
460kbps
250kbps
125kbps
TPC 8. Supply Current vs. Load Capacitance
(VCC = 3.3 V, RL = 5 k
W)
SD
TX O/P
HIGH
TPC 9. Transmitter Output (High) Exiting Shutdown
SD
TX O/P LOW
TPC 10. Transmitter Output (Low) Exiting Shutdown
10
8
6
4
2
0
–2
–4
–6
–8
–10
0
200
400
600
800
1000
LOAD CAPACITANCE – pF
TPC 11. Transmitter Output Voltage High/Low vs. Load
Capacitance (VCC = 3.3 V, CLK = 1 Mb/s, RL = 5 k
W, ADM3307E)
300
250
200
150
100
50
0
0
5
10
15
20
LOAD CURRENT – mA
TPC 12. Oscillator Frequency vs. Load Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com