Electronic Components Datasheet Search
  English  ▼

X  

ADM3311EARU Datasheet(PDF) 7 Page - Analog Devices

Part # ADM3311EARU
Description  15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3311EARU Datasheet(HTML) 7 Page - Analog Devices

Back Button ADM3311EARU Datasheet HTML 3Page - Analog Devices ADM3311EARU Datasheet HTML 4Page - Analog Devices ADM3311EARU Datasheet HTML 5Page - Analog Devices ADM3311EARU Datasheet HTML 6Page - Analog Devices ADM3311EARU Datasheet HTML 7Page - Analog Devices ADM3311EARU Datasheet HTML 8Page - Analog Devices ADM3311EARU Datasheet HTML 9Page - Analog Devices ADM3311EARU Datasheet HTML 10Page - Analog Devices ADM3311EARU Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
REV. G
ADM3307E/ADM3310E/ADM3311E/ADM3312E/ADM3315E
–7–
PIN FUNCTION DESCRIPTIONS
Mnemonic
Function
VCC
Power Supply Input 2.7 V to 3.6 V.
V+
Internally Generated Positive Supply, 7.25 V (6.5 V nominal for ADM3310E, ADM3315E). Capacitor C4 is
connected between VCC and V+.
V–
Internally Generated Positive Supply, –7.25 V (–6.5 V nominal for ADM3310E, ADM3315E). Capacitor C5 is
connected between GND and V–.
GND
Ground Pin. Must be connected to 0 V.
C1+, C1–
External Capacitor 1 is connected between these pins. A 0.1
mF capacitor is recommended, but larger capacitors
up to 1
mF may be used.
C2+, C2–
External Capacitor 2 is connected between these pins. A 0.1
mF capacitor is recommended, but larger capacitors
up to 1
mF may be used.
C3+, C3–
External Capacitor 3 is connected between these pins. A 0.1
mF capacitor is recommended, but larger capacitors
up to 1
mF may be used.
TIN
Transmitter (Driver) Inputs. These inputs accept TTL/CMOS levels. An internal 400 k
W pull-up resistor to
VCC is connected on each input.
TOUT
Transmitter (Driver) Outputs. Typically
±5.5 V (±6.4 V for ADM3311E and ADM3312E)
RIN
Receiver Inputs. These inputs accept RS-232 signal levels. An internal 5 k
W pull-down resistor (22 kW for ADM3315E)
to GND is connected on each of these inputs.
ROUT
Receiver Outputs. These are TTL/CMOS levels.
EN
Receiver Enable. A high level three-states all the receiver outputs.
SD
Shutdown Control. A high level disables the charge pump and reduces the quiescent current to less than 1
mA.
All transmitters and most receivers are disabled. One receiver remains active in shutdown (two receivers active
in shutdown for the ADM3310E).
• ADM3307E ROUT3 active in shutdown
• ADM3310E ROUT4 and ROUT5 active in shutdown
• ADM3311E ROUT5 active in shutdown
• ADM3312E ROUT3 active in shutdown
• ADM3315E ROUT3 active in shutdown
Table I. ADM3307E Truth Table
SD
EN
Status
TOUT1–5
ROUT1–2
ROUT3
00
Normal
Enabled
Enabled
Enabled
Operation
01
Normal
Enabled
Disabled
Disabled
Operation
10
Shutdown
Disabled
Disabled
Enabled
11
Shutdown
Disabled
Disabled
Disabled
Table II. ADM3310E Truth Table
SD
EN
Status
TOUT1–3
ROUT1–3
ROUT4–5
00
Normal
Enabled
Enabled
Enabled
Operation
01
Receivers
Enabled
Disabled
Disabled
Disabled
10
Shutdown
Disabled
Disabled
Enabled
11
Shutdown
Disabled
Disabled
Disabled
Table IV. ADM3312E/ADM3315E Truth Table
SD
EN
Status
TOUT1–3
ROUT1–2
ROUT3
00
Normal
Enabled
Enabled
Enabled
Operation
01
Normal
Enabled
Disabled
Disabled
Operation
10
Shutdown
Disabled
Disabled
Enabled
11
Shutdown
Disabled
Disabled
Disabled
Table III. ADM3311 Truth Table
SD
EN
Status
TOUT1–3
ROUT1–4
ROUT5
00
Normal
Enabled
Enabled
Enabled
Operation
01
Receivers
Enabled
Disabled
Disabled
Disabled
10
Shutdown
Disabled
Disabled
Enabled
11
Shutdown
Disabled
Disabled
Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com