Electronic Components Datasheet Search
  English  ▼

X  

ADS8364 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8364
Description  250kHz, 16-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8364 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS8364 Datasheet HTML 2Page - Texas Instruments ADS8364 Datasheet HTML 3Page - Texas Instruments ADS8364 Datasheet HTML 4Page - Texas Instruments ADS8364 Datasheet HTML 5Page - Texas Instruments ADS8364 Datasheet HTML 6Page - Texas Instruments ADS8364 Datasheet HTML 7Page - Texas Instruments ADS8364 Datasheet HTML 8Page - Texas Instruments ADS8364 Datasheet HTML 9Page - Texas Instruments ADS8364 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
ADS8364
6
SBAS219B
www.ti.com
SPEC
DESCRIPTION
MIN
TYP(1)
MAX
UNITS
tCONV
Conversion Time
3.2
µs
tACQ
Acquistion Time
0.8
µs
tC1
Cycle Time of CLK
200
ns
tW1
Pulse Width CLK HIGH Time or LOW Time.
60
ns
tD1(5)
Delay Time of Rising Edge of Clock After Falling Edge of HOLD (A,B,C)
10
ns
tW2
Pulse Width of HOLDX HIGH Time to be Recognized again
BVDD = 5V
15
ns
BVDD = 3V
30
ns
tW3
Pulse Width of HOLDX LOW Time
BVDD = 5V
20
ns
BVDD = 3V
30
ns
tW4
Pulse Width of RESET
BVDD = 5V
20
ns
BVDD = 3V
40
ns
tW5
Pulse Width of RD HIGH Time
BVDD = 5V
30
ns
BVDD = 3V
40
ns
tD2
Delay Time of First Hold After RESET
BVDD = 5V
20
ns
BVDD = 3V
40
ns
tD4
Delay Time of Falling Edge of RD After Falling Edge of CS
0
ns
tD5
Delay Time of Rising Edge of CS After Rising Edge of RD
0
ns
tW6
Pulse Width of RD and CS Both LOW Time
BVDD = 5V
50
ns
BVDD = 3V
70
ns
tW7
Pulse Width of RD HIGH Time
BVDD = 5V
20
ns
BVDD = 3V
40
ns
tD6
Delay Time of Data Valid After Falling Edge RD
BVDD = 5V
40
ns
BVDD = 3V
60
ns
tD7
Delay Time of Data Hold From Rising Edge of RD
BVDD = 5V
5
ns
BVDD = 3V
10
ns
tD8
Delay Time of RD HIGH After CS LOW
BVDD = 5V
50
ns
BVDD = 3V
60
ns
tD9
Delay Time of RD Low After Address Setup
BVDD = 5V
10
ns
BVDD = 3V
20
ns
NOTES: (1) Assured by design. (2) All input signals are specified with tr = tf = 5ns (10% to 90% of BVDD) and timed from a voltage level of (VIL + VIH)/2.
(3) See timing diagram above. (4) BYTE is asynchronous; when BYTE is 0, bits 15 through 0 appear at DB15-DB0. When BYTE is 1, bits 15 through 8
appear on DB7-DB0. RD may remain LOW between changes in BYTE. (5) Only important when synchronization to clock is important.
TIMING CHARACTERISTICS TABLE
Timing Characteristics over recommended operating free-air temperature range T
MIN to TMAX, AVDD = DVDD = 5V, REFIN = REFOUT internal reference +2.5V,
f
CLK = 5MHz, fSAMPLE = 250kHz, BVDD = 2.7 ÷ 5V (unless otherwise noted).
TIMING CHARACTERISTICS
t
W6
t
D6
t
D4
t
D5
t
D7
t
W5
t
W1
t
D1
t
C1
t
W3
CONVERSION
t
CONV
ACQUISITION
t
ACQ
t
W2
Bits 15-8
Bits 7-0
Bits 15-8
Bits 7-0
CLK
HOLDX
EOC
CS
RD
D15-D8
D7-D0
BYTE
1
2
16
17
18
19
20
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com