Electronic Components Datasheet Search
  English  ▼

X  

ADS8364 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8364
Description  250kHz, 16-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8364 Datasheet(HTML) 3 Page - Texas Instruments

  ADS8364 Datasheet HTML 1Page - Texas Instruments ADS8364 Datasheet HTML 2Page - Texas Instruments ADS8364 Datasheet HTML 3Page - Texas Instruments ADS8364 Datasheet HTML 4Page - Texas Instruments ADS8364 Datasheet HTML 5Page - Texas Instruments ADS8364 Datasheet HTML 6Page - Texas Instruments ADS8364 Datasheet HTML 7Page - Texas Instruments ADS8364 Datasheet HTML 8Page - Texas Instruments ADS8364 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
ADS8364
3
SBAS219B
www.ti.com
ELECTRICAL CHARACTERISTICS
Over recommended operating free-air temperature range at –40
°C to 85°C, AV
DD = DVDD = 5V, BVDD = 3V, VREF = internal +2.5V, fCLK = 5MHz, fSAMPLE = 250kSPS,
unless otherwise noted.
ADS8364Y
PARAMETER
CONDITIONS
MIN
TYP(1)
MAX
UNITS
ANALOG INPUT
Full-Scale Range
(FSR)
+IN – (–IN)
±V
REF
V
Operating Common-Mode Signal
2.2
2.8
V
Input Resistance
–IN = VREF
20
Ω
Input Capacitance
–IN = VREF
25
pF
Input Leakage Current
–IN = VREF
±1nA
Differential Input Resistance
–IN = VREF
40
Ω
Differential Input Capacitance
–IN = VREF
50
pF
Common-Mode Rejection Ratio
(CMRR)
At DC
84
dB
VIN = ±1.25VPP at 50kHz
80
dB
Bandwith
(BW)
FS Sinewave, –3dB
300
MHz
DC ACCURACY
Resolution
16
Bits
No Missing Codes
(NMC)
14
Bits
Integral Linearity Error
(INL)
±3
±8LSB
Integral Linearity Match
Only pair wise matching
1.5
LSB
Differential Nonlinearity
(DNL)
Specified only for 14-Bit
±1.5
LSB
Bipolar Offset Error
(VOS)
±0.05
±2mV
Bipolar Offset Error Match
Only pair wise matching
0.2
1
mV
Bipolar Offset Error Drift
(TCVOS)
0.8
ppm/
°C
Gain Error
(GERR)
Referenced to VREF
±0.05
±0.25
%FSR
Gain Error Match
Only pair wise matching
0.005
0.05
%FSR
Gain Error Drift
(TCGERR)
2
ppm/
°C
Noise
120
µV
RMS
Power-Supply Rejection Ratio
(PSRR)
4.75V < AVDD < 5.25V
–87
dB
SAMPLING DYNAMICS
Conversion Time per ADC
(tCONV)
50kHz
≤ f
CLK ≤ 5MHz
3.2
320
µs
Acquisition Time
(tAQ)fCLK = 5MHz
800
ns
Throughput Rate
250
kSPS
Aperture Delay
5ns
Aperture Delay Matching
100
ps
Aperture Jitter
50
ps
Clock Frequncy
0.05
5
MHz
AC ACCURACY
Total Harmonic Distortion
(THD)
VIN = ±2.5VPP at 100kHz
–92
dB
Spurous-Free Dynamic Range
(SFDR)
VIN = ±2.5VPP at 100kHz
93.5
dB
Signal-to-Noise Ratio
(SNR)
VIN = ±2.5VPP at 100kHz
83.2
dB
Signal-to-Noise Ratio + Distortion
(SINAD)
VIN = ±2.5VPP at 100kHz
82.5
dB
Channel-to-Channel Isolation
VIN = ±2.5VPP at 50kHz
95
dB
Effective Number of Bits
(ENOB)
13.3
Bits
VOLTAGE REFERENCE OUTPUT
Reference Voltage Output
(VOUT)
2.475
2.5
2.525
V
Initial Accuracy
±1%
Output Voltage Temperature Drift
(dVOUT/dT)
±20
ppm/
°C
Output Voltage Noise
f = 0.1Hz to 10Hz, CL = 10µF
40
µV
PP
f = 10Hz to 10kHz, CL = 10µF
8
µVRMS
Power-Supply Refection Ratio
(PSRR)
60
dB
Output Current
(IOUT)10
µA
Short-Circuit Current
(ISC)
0.5
mA
Turn-On Settling Time
to 0.1% at CL = 0
100
µs
VOLTAGE REFERENCE INPUT
Reference Voltage Input
(VIN)
1.5
2.5
2.6
V
Reference Input Resistance
100
M
Ω
Reference Input Capacitance
5pF
Reference Input Current
1
µA
NOTE: (1) All values are at TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com