Electronic Components Datasheet Search
  English  ▼

X  

ADS8364 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8364
Description  250kHz, 16-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8364 Datasheet(HTML) 2 Page - Texas Instruments

  ADS8364 Datasheet HTML 1Page - Texas Instruments ADS8364 Datasheet HTML 2Page - Texas Instruments ADS8364 Datasheet HTML 3Page - Texas Instruments ADS8364 Datasheet HTML 4Page - Texas Instruments ADS8364 Datasheet HTML 5Page - Texas Instruments ADS8364 Datasheet HTML 6Page - Texas Instruments ADS8364 Datasheet HTML 7Page - Texas Instruments ADS8364 Datasheet HTML 8Page - Texas Instruments ADS8364 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
ADS8364
2
SBAS219B
www.ti.com
MAXIMUM
INTEGRAL
NO MISSING
SPECIFIED
LINEARITY
CODES
PACKAGE
TEMPERATURE
ORDERING
TRANSPORT
PRODUCT
ERROR (LSB)
ERROR (LSB)
PACKAGE-LEAD
DESIGNATOR(1)
RANGE
NUMBER
MEDIA, QUANTITY
ADS8364Y
±8
14
TQFP-64
PAG
–40
°C to +85°C
ADS8364Y/250
Tape and Reel, 250
""
"
"
"
"
ADS8364Y/2K
Tape and Reel, 2000
NOTES: (1) For the most current specifications and package information, refer to our website at www.ti.com.
PACKAGE/ORDERING INFORMATION
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings over operating free-air temperature (unless
otherwise noted)(1)
Supply Voltage, AGND to AVDD ............................................................... –0.3V to 6V
Supply Voltage, BGND to BVDD ............................................................... –0.3V to 6V
Supply Voltage, DGND to DVDD .............................................................. –0.3V to 6V
Analog Input Voltage Range ..................... AGND – 0.3V to AVDD + 0.3V
Reference Input Voltage ........................... AGND – 0.3V to AVDD + 0.3V
Digital Input Voltage Range ...................... BGND – 0.3V to BVDD + 0.3V
Ground Voltage Differences, AGND to BGND/DGND .....................
±0.3V
Voltage Differences, BVDD, DVDD to AGND .......................... –0.3V to 6V
Input Current ot Any Pin Except Supply ......................... –20mA to 20mA
Power Dissipation ....................................... See Dissipation Rating Table
Operating Virtual Junction Temperature Range, TJ ........ –40°C to 150°C
Operating Free-Air Temperature Range, TA ...................... –40°C to 85°C
Storage Temperature Range, TSTG .................................. –65°C to 150°C
Lead Temperature 1.6mm (1/16 inch) from Case for 10sec ..................... 260
°C
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
NOTE: (1) Stresses beyond those listed under "absolute maximum ratings" may
cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those
indicated under "recommended operating conditions" is not implied. Exposure
to absolute-maximum-rated conditions of extended periods may affect device
reliability.
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
Supply Voltage, AGND to AVDD
4.75
5
5.25
V
Supply Voltage, BGND to BVDD
Low-Voltage Levels
2.7
3.6
V
5V Logic Levels
4.5
5
5.5
V
Supply Voltage, DGND to DVDD
4.75
5
5.25
V
Difference AVDD to DVDD
–0.3
0
0.3
V
Reference Input Voltage
1.5
2.5
2.6
V
Operating Common-Mode Signal
–IN
2.2
2.5
2.8
V
Analog Inputs
+IN – (–IN)
0
±V
REF
V
Operating Junction Temperature Range, TJ
–40
125
°C
DERATING
FACTOR
TA ≤ 25°CTA = 70°CTA = 85°C
ABOVE
POWER
POWER
POWER
BOARD
PACKAGE
RθJC
RθJA
TA = 25°C
RATING
RATING
RATING
Low-K(1)
DGK
8.6
°C/W
68.5
°C/W
14.598mW/
°C
1824mW
1168mW
949mW
High-K(2)
DGK
8.6
°C/W
42.8
°C/W
23.364mw/
°C
2920mW
1869mW
1519mW
NOTES: (1) The JEDEC Low K (1s) board design used to derive this data was a 3-inch x 3-inch, two-layer board with 2-ounce copper traces on top of the board.
(2) The JEDEC High K (2s2p) board design used to derive this data was a 3-inch x 3-inch, multilayer board with 1-ounce internal power and ground planes and 2-ounce
copper traces on the top and bottom of the board.
PACKAGE DISSIPATION RATING TABLE
R
ON = 20Ω
C
(SAMPLE) = 20pF
BV
DD
D
IN
BGND
AV
DD
A
IN
AGND
Diode Turn-on Voltage: 0.35V
Equivalent Digital Input Circuit
Equivalent Analog Input Circuit
EQUIVALENT INPUT CIRCUIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com