Electronic Components Datasheet Search
  English  ▼

X  

DS99R105VS/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DS99R105VS/NOPB
Description  DS99R105/DS99R106 3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS99R105VS/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button DS99R105VS/NOPB Datasheet HTML 6Page - Texas Instruments DS99R105VS/NOPB Datasheet HTML 7Page - Texas Instruments DS99R105VS/NOPB Datasheet HTML 8Page - Texas Instruments DS99R105VS/NOPB Datasheet HTML 9Page - Texas Instruments DS99R105VS/NOPB Datasheet HTML 10Page - Texas Instruments DS99R105VS/NOPB Datasheet HTML 11Page - Texas Instruments DS99R105VS/NOPB Datasheet HTML 12Page - Texas Instruments DS99R105VS/NOPB Datasheet HTML 13Page - Texas Instruments DS99R105VS/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
VOH
REN
VOL + 0.5V
VOL
ROUT [23:0]
VOL + 0.5V
tLZR
500:
VREF = VDD/2 for tZLR or tLZR,
VOH - 0.5V
VOH + 0.5V
tZLR
tHZR
tZHR
VDD/2
VDD/2
VOH
VOL
REN
VREF
+
-
VREF = 0V for tZHR or tHZR
CL = 8pF
23
2
1
0
START
BIT
STOP
BIT
SYMBOL N+3
23
2
1
0
START
BIT
STOP
BIT
SYMBOL N+2
23
2
1
0
START
BIT
STOP
BIT
SYMBOL N+1
23
2
1
0
START
BIT
STOP
BIT
SYMBOL N
RIN0-23
DCA, DCB
RCLK
tDD
ROUT0-23
SYMBOL N-1
SYMBOL N
SYMBOL N-2
SYMBOL N-3
80%
20%
80%
20%
tCLH
Deserializer
8 pF
lumped
Single-ended
Signal
tCHL
DS99R105, DS99R106
SNLS242D – MARCH 2007 – REVISED APRIL 2013
www.ti.com
Figure 12. Deserializer LVCMOS/LVTTL Output Load and Transition Times
See Serializer Timing Requirements for TCLK Note (1).
Figure 13. Deserializer Delay
Note: CL includes instrumentation and fixture capacitance within 6 cm of ROUT[23:0]
Figure 14. Deserializer TRI-STATE Test Circuit and Timing
10
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: DS99R105 DS99R106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com