Electronic Components Datasheet Search
  English  ▼

X  

DS99R105VS/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DS99R105VS/NOPB
Description  DS99R105/DS99R106 3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS99R105VS/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button DS99R105VS/NOPB Datasheet HTML 7Page - Texas Instruments DS99R105VS/NOPB Datasheet HTML 8Page - Texas Instruments DS99R105VS/NOPB Datasheet HTML 9Page - Texas Instruments DS99R105VS/NOPB Datasheet HTML 10Page - Texas Instruments DS99R105VS/NOPB Datasheet HTML 11Page - Texas Instruments DS99R105VS/NOPB Datasheet HTML 12Page - Texas Instruments DS99R105VS/NOPB Datasheet HTML 13Page - Texas Instruments DS99R105VS/NOPB Datasheet HTML 14Page - Texas Instruments DS99R105VS/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
Data Valid
Before RCLK
Data Valid
After RCLK
ROUT [7:0]
Data Valid
Before RCLK
Data Valid
After RCLK
ROUT [15:8], LOCK
Data Valid
Before RCLK
Data Valid
After RCLK
VDD/2
ROUT [23:16]
RCLK
tLOW
tHIGH
tROS
tROH
tROS
tROH
(group 1)
(group 1)
(group 2)
(group 2)
1/2 UI
1/2 UI
tROS
tROH
(group 3)
(group 3)
1/2 UI
1/2 UI
VDD/2
VDD/2
VDD/2
VDD/2
VDD/2
VDD/2
VDD/2
RIN±
TRI-STATE
TRI-STATE
TRI-STATE
TRI-STATE
TRI-STATE
ROUT [0:23]
RCLK
TRI-STATE
LOCK
}v
[š
Œ
tHZR or tLZR
tDRDL
REN
PWDN
2.0V
0.8V
DS99R105, DS99R106
www.ti.com
SNLS242D – MARCH 2007 – REVISED APRIL 2013
See Serializer Timing Requirements for TCLK Note (1).
Figure 15. Deserializer PLL Lock Times and RPWDNB TRI-STATE Delay
See Serializer Timing Requirements for TCLK Note (2).
Figure 16. Deserializer Setup and Hold Times
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: DS99R105 DS99R106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com