Electronic Components Datasheet Search
  English  ▼

X  

MLM311P Datasheet(PDF) 4 Page - Texas Instruments

Part # MLM311P
Description  Voltage Comparator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MLM311P Datasheet(HTML) 4 Page - Texas Instruments

  MLM311P Datasheet HTML 1Page - Texas Instruments MLM311P Datasheet HTML 2Page - Texas Instruments MLM311P Datasheet HTML 3Page - Texas Instruments MLM311P Datasheet HTML 4Page - Texas Instruments MLM311P Datasheet HTML 5Page - Texas Instruments MLM311P Datasheet HTML 6Page - Texas Instruments MLM311P Datasheet HTML 7Page - Texas Instruments MLM311P Datasheet HTML 8Page - Texas Instruments MLM311P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
LM111-N, LM211-N, LM311-N
SNOSBJ1E – MAY 1999 – REVISED MARCH 2013
www.ti.com
Absolute Maximum Ratings for the LM111-N/LM211-N
(1) (2)
Total Supply Voltage (V84)
36V
Output to Negative Supply Voltage (V74)
50V
Ground to Negative Supply Voltage (V14)
30V
Differential Input Voltage
±30V
Input Voltage(3)
±15V
Output Short Circuit Duration
10 sec
Operating Temperature Range
LM111-N
−55°C to 125°C
LM211-N
−25°C to 85°C
Lead Temperature (Soldering, 10 sec)
260°C
Voltage at Strobe Pin
V+
−5V
Soldering Information
Dual-In-Line Package
Soldering (10 seconds)
260°C
Small Outline Package
Vapor Phase (60 seconds)
215°C
Infrared (15 seconds)
220°C
ESD Rating(4)
300V
(1)
Refer to RETS111X for the LM111H, LM111J and LM111J-8 military specifications.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
This rating applies for ±15 supplies. The positive input voltage limit is 30V above the negative supply. The negative input voltage limit is
equal to the negative supply voltage or 30V below the positive supply, whichever is less.
(4)
Human body model, 1.5 k
Ω in series with 100 pF.
Electrical Characteristics
(1) for the LM111-N and LM211-N
Parameter
Conditions
Min
Typ
Max
Units
Input Offset Voltage(2)
TA=25°C, RS≤50k
0.7
3.0
mV
Input Offset Current
TA=25°C
4.0
10
nA
Input Bias Current
TA=25°C
60
100
nA
Voltage Gain
TA=25°C
40
200
V/mV
Response Time(3)
TA=25°C
200
ns
Saturation Voltage
VIN≤−5 mV, IOUT=50 mA
0.75
1.5
V
TA=25°C
Strobe ON Current(4)
TA=25°C
2.0
5.0
mA
Output Leakage Current
VIN≥5 mV, VOUT=35V, TA=25°C,
0.2
10
nA
ISTROBE=3 mA
Input Offset Voltage(2)
RS≤50 k
4.0
mV
Input Offset Current(2)
20
nA
Input Bias Current
150
nA
Input Voltage Range
V+=15V, V−=
−15V, Pin 7 Pull-Up
−14.5
13.8-14.7
13.0
V
May Go To 5V
Saturation Voltage
V+
≥4.5V, V−=0, VIN≤−6 mV,
0.23
0.4
V
IOUT≤8 mA
Output Leakage Current
VIN≥5 mV, VOUT=35V
0.1
0.5
μA
Positive Supply Current
TA=25°C
5.1
6.0
mA
Negative Supply Current
TA=25°C
4.1
5.0
mA
(1)
These specifications apply for VS=±15V and Ground pin at ground, and −55°C≤TA≤+125°C, unless otherwise stated. With the LM211-N,
however, all temperature specifications are limited to
−25°C≤TA≤+85°C. The offset voltage, offset current and bias current specifications
apply for any supply voltage from a single 5V supply up to ±15V supplies.
(2)
The offset voltages and offset currents given are the maximum values required to drive the output within a volt of either supply with a
1 mA load. Thus, these parameters define an error band and take into account the worst-case effects of voltage gain and RS.
(3)
The response time specified (see definitions) is for a 100 mV input step with 5 mV overdrive.
(4)
This specification gives the range of current which must be drawn from the strobe pin to ensure the output is properly disabled. Do not
short the strobe pin to ground; it should be current driven at 3 to 5 mA.
4
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM111-N LM211-N LM311-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com