Electronic Components Datasheet Search
  English  ▼

X  

MLM311P Datasheet(PDF) 15 Page - Texas Instruments

Part # MLM311P
Description  Voltage Comparator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MLM311P Datasheet(HTML) 15 Page - Texas Instruments

Back Button MLM311P Datasheet HTML 11Page - Texas Instruments MLM311P Datasheet HTML 12Page - Texas Instruments MLM311P Datasheet HTML 13Page - Texas Instruments MLM311P Datasheet HTML 14Page - Texas Instruments MLM311P Datasheet HTML 15Page - Texas Instruments MLM311P Datasheet HTML 16Page - Texas Instruments MLM311P Datasheet HTML 17Page - Texas Instruments MLM311P Datasheet HTML 18Page - Texas Instruments MLM311P Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
LM111-N, LM211-N, LM311-N
www.ti.com
SNOSBJ1E – MAY 1999 – REVISED MARCH 2013
*Input polarity is reversed when using pin 1 as output.
Figure 46. Driving Ground-Referred Load
Figure 47. Using Clamp Diodes to Improve Response
*Values shown are for a 0 to 30V logic swing and a 15V threshold.
†May be added to control speed and reduce susceptibility to noise spikes.
Figure 48. TTL Interface with High Level Logic
Figure 49. Crystal Oscillator
Figure 50. Comparator and Solenoid Driver
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LM111-N LM211-N LM311-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com