Electronic Components Datasheet Search
  English  ▼

X  

MLM311P Datasheet(PDF) 1 Page - Texas Instruments

Part # MLM311P
Description  Voltage Comparator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MLM311P Datasheet(HTML) 1 Page - Texas Instruments

  MLM311P Datasheet HTML 1Page - Texas Instruments MLM311P Datasheet HTML 2Page - Texas Instruments MLM311P Datasheet HTML 3Page - Texas Instruments MLM311P Datasheet HTML 4Page - Texas Instruments MLM311P Datasheet HTML 5Page - Texas Instruments MLM311P Datasheet HTML 6Page - Texas Instruments MLM311P Datasheet HTML 7Page - Texas Instruments MLM311P Datasheet HTML 8Page - Texas Instruments MLM311P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
LM111-N, LM211-N, LM311-N
www.ti.com
SNOSBJ1E – MAY 1999 – REVISED MARCH 2013
LM111-N/LM211-N/LM311-N Voltage Comparator
Check for Samples: LM111-N, LM211-N, LM311-N
Both the inputs and the outputs of the LM111-N,
1
FEATURES
LM211-N or the LM311-N can be isolated from
2
•
Operates From Single 5V Supply
system ground, and the output can drive loads
•
Input Current: 150 nA Max. Over Temperature
referred to ground, the positive supply or the negative
supply. Offset balancing and strobe capability are
•
Offset Current: 20 nA Max. Over Temperature
provided and outputs can be wire OR'ed. Although
•
Differential Input Voltage Range: ±30V
slower than the LM106 and LM710 (200 ns response
•
Power Consumption: 135 mW at ±15V
time vs 40 ns) the devices are also much less prone
to spurious oscillations. The LM111-N has the same
DESCRIPTION
pin configuration as the LM106 and LM710.
The LM111-N, LM211-N and LM311-N are voltage
The LM211-N is identical to the LM111-N, except that
comparators that have input currents nearly a
its performance is specified over a
−25°C to +85°C
thousand times lower than devices like the LM106 or
temperature range instead of
−55°C to +125°C. The
LM710. They are also designed to operate over a
LM311-N has a temperature range of 0°C to +70°C.
wider range of supply voltages: from standard ±15V
op amp supplies down to the single 5V supply used
for IC logic. Their output is compatible with RTL, DTL
and TTL as well as MOS circuits. Further, they can
drive lamps or relays, switching voltages up to 50V at
currents as high as 50 mA.
Typical Applications
NOTE
Pin connections shown in Schematic Diagram and Typical Applications are for the LMC
TO-99 package.
Do Not Ground Strobe Pin. Output is turned off when current is
pulled from Strobe Pin.
Figure 1. Offset Balancing
Figure 2. Strobing
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - MLM311P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MLM311P TI-MLM311P Datasheet
1Mb / 30P
LM111-N/LM211-N/LM311-N Voltage Comparator
MLM311P TI-MLM311P Datasheet
1Mb / 30P
LM111-N/LM211-N/LM311-N Voltage Comparator
MLM311P TI-MLM311P Datasheet
1Mb / 30P
LM111-N/LM211-N/LM311-N Voltage Comparator
MLM311P TI1-MLM311P Datasheet
1Mb / 31P
LM111-N/LM211-N/LM311-N Voltage Comparator
More results

Similar Description - MLM311P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51206TL MITSUBISHI-M51206TL Datasheet
115Kb / 4P
VOLTAGE COMPARATOR?
logo
Linear Technology
RH1011 LINER-RH1011 Datasheet
144Kb / 4P
Voltage Comparator
RH111 LINER-RH111 Datasheet
143Kb / 4P
Voltage Comparator
logo
National Semiconductor ...
MDLM111-X NSC-MDLM111-X Datasheet
303Kb / 17P
VOLTAGE COMPARATOR
LM111JAN NSC-LM111JAN Datasheet
798Kb / 26P
Voltage Comparator
logo
Austin Semiconductor
AS111 AUSTIN-AS111 Datasheet
2Mb / 21P
Voltage Comparator
AS111R AUSTIN-AS111R Datasheet
1Mb / 22P
Voltage Comparator
logo
Linear Technology
RH1011 LINER-RH1011_15 Datasheet
70Kb / 2P
Voltage Comparator
LT1011A LINER-LT1011A_15 Datasheet
294Kb / 20P
Voltage Comparator
logo
JSC ALFA.
AS527 ALFA-AS527 Datasheet
207Kb / 3P
Voltage comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com