Electronic Components Datasheet Search
  English  ▼

X  

ADUC848BCP8-5 Datasheet(PDF) 92 Page - Analog Devices

Part # ADUC848BCP8-5
Description  MicroConverter Multichannel 24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC848BCP8-5 Datasheet(HTML) 92 Page - Analog Devices

Back Button ADUC848BCP8-5 Datasheet HTML 88Page - Analog Devices ADUC848BCP8-5 Datasheet HTML 89Page - Analog Devices ADUC848BCP8-5 Datasheet HTML 90Page - Analog Devices ADUC848BCP8-5 Datasheet HTML 91Page - Analog Devices ADUC848BCP8-5 Datasheet HTML 92Page - Analog Devices ADUC848BCP8-5 Datasheet HTML 93Page - Analog Devices ADUC848BCP8-5 Datasheet HTML 94Page - Analog Devices ADUC848BCP8-5 Datasheet HTML 95Page - Analog Devices ADUC848BCP8-5 Datasheet HTML 96Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 108 page
background image
ADuC845/ADuC847/ADuC848
Rev. A | Page 92 of 108
Single-Pin Emulation Mode
Built into the ADuC845/ADuC847/ADuC848 is a dedicated
controller for single-pin in-circuit emulation (ICE). In this mode,
emulation access is gained by connection to a single pin, the EA
pin. Normally on the 8051 standard, this pin is hardwired either
high or low to select execution from internal or external program
memory space. Note that external program memory or execu-
tion from external program memory is not allowed on the
devices. To enable single-pin emulation mode, users need to pull
the EA pin high through a 1 kΩ resistor as shown in Figure 69.
The emulator then connects to the 2-pin header also shown in
Figure 69. To be compatible with the standard connector that
comes with the single-pin emulator available from Accutron
Limited (www.accutron.com), use a 2-pin 0.1-inch pitch
Friction Lock header from Molex (www.molex.com) such as
part number 22-27-2021. Be sure to observe the polarity of this
header. As shown in Figure 69, when the Friction Lock tab is at
the right, the ground pin should be the lower of the two pins
when viewed from the top.
Typical System Configuration
A typical ADuC845/ADuC847/ADuC848 configuration is
shown in Figure 69. Figure 69 also includes connections for a
typical analog measurement application of the parts, namely an
interface to an resistive temperature device (RTD). The
arrangement shown is commonly referred to as a 4-wire RTD
configuration.
Here, the on-chip excitation current sources are enabled to
excite the sensor. The excitation current flows directly through
the RTD generating a voltage across the RTD proportional to its
resistance. This differential voltage is routed directly to one set
of the positive and negative inputs of the ADC (AIN1, AIN2,
respectively in this case). The same current that excited the
RTD also flows through a series resistance, RREF, generating a
ratiometric voltage reference, VREF. The ratiometric voltage
reference ensures that variations in the excitation current do not
affect the measurement system since the input voltage from the
RTD and reference voltage across RREF vary ratiometrically with
the excitation current. Resistor RREF must, however, have a low
temperature coefficient to avoid errors in the reference voltage
overtemperature. RREF must also be large enough to generate at
least a 1 V voltage reference.
The preceding example shows just a single differential ADC
connection using a single reference input pair. The ADuC845/
ADuC847/ADuC848 have the capability of connecting to five
differential inputs directly or ten single-ended inputs (LFCSP
package only) as well as having a second reference input. This
arrangement means that different sensors with different
reference ranges can be connected to the part with the need for
external multiplexing circuitry. This arrangement is shown in
Figure 70. The bridge sensor shown can be a load cell or a
pressure sensor. The RTD is shown using a reference voltage
derived from the RREF resistor via the REFIN± inputs, and the
bridge sensor is shown using a divided down AVDD reference via
the REFIN2± inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com