Electronic Components Datasheet Search
  English  ▼

X  

IX4427MTR Datasheet(PDF) 3 Page - IXYS Corporation

Part # IX4427MTR
Description  1.5-Ampere Dual Low-Side Ultrafast MOSFET Drivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX4427MTR Datasheet(HTML) 3 Page - IXYS Corporation

  IX4427MTR Datasheet HTML 1Page - IXYS Corporation IX4427MTR Datasheet HTML 2Page - IXYS Corporation IX4427MTR Datasheet HTML 3Page - IXYS Corporation IX4427MTR Datasheet HTML 4Page - IXYS Corporation IX4427MTR Datasheet HTML 5Page - IXYS Corporation IX4427MTR Datasheet HTML 6Page - IXYS Corporation IX4427MTR Datasheet HTML 7Page - IXYS Corporation IX4427MTR Datasheet HTML 8Page - IXYS Corporation IX4427MTR Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
INTEGRATED CIRCUITS DIVISION
IX4426-27-28
R05
www.ixysic.com
3
1
Specifications
1.1 Pin Configurations
1.2 Pin Definitions
1.3 Absolute Maximum Ratings
Unless otherwise specified, absolute maximum electrical ratings are at 25°C
Absolute maximum ratings are stress ratings. Stresses in excess of these ratings can cause permanent damage to the device.
Functional operation of the device at conditions beyond those indicated in the operational sections of this data sheet is not
implied.
1.4 Recommended Operating Conditions
IX4428
NC
INA
GND
INB
NC
OUTA
V
CC
OUTB
1
4
3
2
8
5
6
7
A
B
IX4426
NC
INA
GND
INB
NC
OUTA
V
CC
OUTB
1
4
3
2
8
5
6
7
A
B
IX4427
NC
INA
GND
INB
NC
OUTA
V
CC
OUTB
1
4
3
2
8
5
6
7
A
B
Pin Name
Description
INA
Channel A Logic Input
INB
Channel B Logic Input
OUTA
OUTA
Channel A Output - Sources or sinks current to
turn-on or turn-off a discrete MOSFET or IGBT
OUTB
OUTB
Channel B Output - Sources or sinks current to
turn on or turn off a discrete MOSFET or IGBT
VCC
Supply Voltage - Provides power to the device
GND
Ground - Common ground reference for the
device
NC
No Connection
Parameter
Symbol
Minimum
Maximum
Units
Supply Voltage
VCC
-0.3
35
V
Input Voltage
VIN
-5.0
VCC+0.3
V
Output Current
IOUT
-±1.5
A
Junction Temperature
TJ
-55
+150
°C
Storage Temperature
TSTG
-65
+150
°C
Parameter
Symbol
Minimum
Maximum
Units
Supply Voltage
VCC
4.5
30
V
Operating Temperature Range
TA
-40
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com