Electronic Components Datasheet Search
  English  ▼

X  

IX4427MTR Datasheet(PDF) 6 Page - IXYS Corporation

Part # IX4427MTR
Description  1.5-Ampere Dual Low-Side Ultrafast MOSFET Drivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX4427MTR Datasheet(HTML) 6 Page - IXYS Corporation

Back Button IX4427MTR Datasheet HTML 2Page - IXYS Corporation IX4427MTR Datasheet HTML 3Page - IXYS Corporation IX4427MTR Datasheet HTML 4Page - IXYS Corporation IX4427MTR Datasheet HTML 5Page - IXYS Corporation IX4427MTR Datasheet HTML 6Page - IXYS Corporation IX4427MTR Datasheet HTML 7Page - IXYS Corporation IX4427MTR Datasheet HTML 8Page - IXYS Corporation IX4427MTR Datasheet HTML 9Page - IXYS Corporation IX4427MTR Datasheet HTML 10Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
INTEGRATED CIRCUITS DIVISION
IX4426-27-28
6
www.ixysic.com
R05
1.7 Thermal Characteristics
2
IX4426-27-28 Performance
2.1 Timing Diagrams
2.2 Characteristics Test Diagram
Package
Parameter
Symbol
Rating
Units
8-Pin SOIC
Thermal Resistance, Junction-to-Ambient
JA
120
°C/W
8-Pin DFN
Thermal Resistance, Junction-to-Ambient
JA
68
°C/W
10%
90%
t
on
t
off
t
R
t
F
V
IH
V
IL
INx
OUTx
10%
90%
t
on
t
off
t
F
t
R
V
IH
V
IL
INx
OUTx
Inverting Driver Waveforms
Non-Inverting Driver Waveforms
INA
OUTA
GND
V
CC
INB
V
CC
+
-
V
IN
0.1
μF10μF
OUTB
1000pF
Tektronix
Current Probe
6302
Tektronix
Current Probe
6302
1000pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com