Electronic Components Datasheet Search
  English  ▼

X  

IX4427MTR Datasheet(PDF) 8 Page - IXYS Corporation

Part # IX4427MTR
Description  1.5-Ampere Dual Low-Side Ultrafast MOSFET Drivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX4427MTR Datasheet(HTML) 8 Page - IXYS Corporation

Back Button IX4427MTR Datasheet HTML 4Page - IXYS Corporation IX4427MTR Datasheet HTML 5Page - IXYS Corporation IX4427MTR Datasheet HTML 6Page - IXYS Corporation IX4427MTR Datasheet HTML 7Page - IXYS Corporation IX4427MTR Datasheet HTML 8Page - IXYS Corporation IX4427MTR Datasheet HTML 9Page - IXYS Corporation IX4427MTR Datasheet HTML 10Page - IXYS Corporation IX4427MTR Datasheet HTML 11Page - IXYS Corporation IX4427MTR Datasheet HTML 12Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
INTEGRATED CIRCUITS DIVISION
IX4426-27-28
8
www.ixysic.com
R05
4
Performance Data
Supply Voltage (V)
0
5
10
15
20
25
30
0
10
20
30
40
50
60
70
80
90
100
Rise Time vs. Supply Voltage
(V
IN=0V-5V, f=1kHz)
C
L=4.7nF
C
L=1nF
C
L=470pF
Supply Voltage (V)
0
5
10
15
20
25
30
0
10
20
30
40
50
60
70
80
90
100
Fall Time vs. Supply Voltage
(V
IN=0V-5V, f=1kHz)
C
L=4.7nF
C
L=1nF
C
L=470pF
Temperature (ºC)
-50
0
50
100
150
7
8
9
10
11
12
13
Rise Time & Fall Time vs. Temperature
(V
IN=0V-5V, CL=1nF, VCC=18V)
Fall Time
Rise Time
Load Capacitance (pF)
0
1000
2000
3000
4000
5000
0
10
20
30
40
50
60
70
80
90
100
Rise Time vs. Load Capacitance
V
CC=4.5V
V
CC=8V
V
CC=12V
V
CC=18V
V
CC=25V
V
CC=30V
Load Capacitance (pF)
0
1000
2000
3000
4000
5000
0
10
20
30
40
50
60
70
80
90
100
Fall Time vs Load Capacitance
V
CC=4.5V
V
CC=8V
V
CC=12V
V
CC=18V
V
CC=25V
V
CC=30V
Supply Voltage (V)
0
5
10
15
20
25
30
10
20
30
40
50
60
70
Propagation Delay vs. Supply Voltage
(C
L=1nF, VIN=0V-5V, f=1kHz)
t
off
t
on
Input Voltage (V)
0
5
10
15
20
10
20
30
40
50
60
70
80
90
Propagation Delay vs. Input Voltage
(C
L=1nF, VCC=18V)
t
off
t
on
Temperature (ºC)
-50
0
50
100
150
15
20
25
30
35
Propagation Delay vs. Temperature
(C
L=1nF, VCC=18V)
t
off
t
on
Temperature (ºC)
-50
0
50
100
150
1.55
1.60
1.65
1.70
1.75
1.80
1.85
Input Threshold vs. Temperature
(C
L=1nF, VCC=18V)
Max V
IL
Min V
IH
Supply Voltage (V)
0
5
10
15
20
25
30
1.3
1.4
1.5
1.6
1.7
1.8
1.9
Input Threshold vs. Supply Voltage
(C
L=1nF)
Min V
IH
Max V
IL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com