Electronic Components Datasheet Search
  English  ▼

X  

SCAN25100TYAX/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Part # SCAN25100TYAX/NOPB
Description  SCAN25100 2457.6, 1228.8, and 614.4 Mbps CPRI SerDes with Auto RE Sync and Precision Delay Calibration Measurement
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SCAN25100TYAX/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button SCAN25100TYAX/NOPB Datasheet HTML 17Page - Texas Instruments SCAN25100TYAX/NOPB Datasheet HTML 18Page - Texas Instruments SCAN25100TYAX/NOPB Datasheet HTML 19Page - Texas Instruments SCAN25100TYAX/NOPB Datasheet HTML 20Page - Texas Instruments SCAN25100TYAX/NOPB Datasheet HTML 21Page - Texas Instruments SCAN25100TYAX/NOPB Datasheet HTML 22Page - Texas Instruments SCAN25100TYAX/NOPB Datasheet HTML 23Page - Texas Instruments SCAN25100TYAX/NOPB Datasheet HTML 24Page - Texas Instruments SCAN25100TYAX/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
SCAN25100
www.ti.com
SNLS223C – SEPTEMBER 2006 – REVISED APRIL 2013
LOS DETECTION
LOS is set to HIGH during receiver power up, during hardware reset (via RESETB pin), or during software (via
RESETB MDIO register) reset. LOS requires one K28.5 character and valid line coding for 1 hyperframe in order
to go from HIGH to LOW. After initialization, the LOS is set on the condition shown in the table below. Also, when
the deserializer loses lock, LOS is not automatically set high since the deserializer continues to count LCV’s in
order to determine LOS status according to the CPRI standard.
Table 12. LOS Set Conditions
OPMODE
Condition
LOS
0 (BTS Mode)
16 or more line code violations in a CPRI hyperframe
1
The LOS mechanism affects the ROUT[9:0] and RXCLK outputs of the device under 8-bit mode. Upon power up,
the ROUT[9:0] and RXCLK pins will be static. Once LOS is low, the device will send data on the ROUT[9:0] and
RXCLK pins. After LOS is high, the output will continue to send data for 2-3 hyperframes. If there are no line
code violations during the next hyperframe, the LOS signal goes low and resumes normal operation. If there are
line code violations after the next 2-3 hyperframes, the outputs will be tri-stated and the device enters a reset
state.
The LOS function is disabled in 10-bit mode. The LOS defaults high in 10-bit mode.
The LOS signal is reset to low (signal detected) under the following conditions:
Table 13. LOS Reset Conditions
OPMODE
Condition
LOS
0 (BTS Mode)
No LCVs occur within a CPRI hyperframe
0
LOF (LOSS OF FRAME) DETECTION
LOF counter is provided through an LOF MDIO status register per CPRI Specification. The LOF function is
disabled in 10-bit mode. Under 8-bit mode, LOF will prevent the SCAN25100 DCM scheme from activating.
Delay calibration measurement can only be performed when LOF is low.
TEST MODES
Loop Back Modes
The SCAN25100 supports multiple loop back modes for testing device, link, and system operation. The line loop
back mode enables the user to check the integrity of the serial data transmission paths. The local loop back
verifies operation of the local board. When switching between normal mode and loopback modes, the receiver
must synchronize to the new data stream.
Loopback mode can be controlled through the LOOP[1:0] pins or via MDIO. Pulling LOOP[1:0] low enables
MDIO control of loopback functions.
Table 14. Loopback Control Bit Settings
LOOP[1]
LOOP[0]
Loop Back Mode
0
0
Normal mode—no loop back (enable software program mode)
0
1
Line (remote) loop back mode
1
0
Local loop back mode
1
1
Special line (remote) loop back
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: SCAN25100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com