Electronic Components Datasheet Search
  English  ▼

X  

SCAN25100TYAX/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Part # SCAN25100TYAX/NOPB
Description  SCAN25100 2457.6, 1228.8, and 614.4 Mbps CPRI SerDes with Auto RE Sync and Precision Delay Calibration Measurement
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SCAN25100TYAX/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button SCAN25100TYAX/NOPB Datasheet HTML 9Page - Texas Instruments SCAN25100TYAX/NOPB Datasheet HTML 10Page - Texas Instruments SCAN25100TYAX/NOPB Datasheet HTML 11Page - Texas Instruments SCAN25100TYAX/NOPB Datasheet HTML 12Page - Texas Instruments SCAN25100TYAX/NOPB Datasheet HTML 13Page - Texas Instruments SCAN25100TYAX/NOPB Datasheet HTML 14Page - Texas Instruments SCAN25100TYAX/NOPB Datasheet HTML 15Page - Texas Instruments SCAN25100TYAX/NOPB Datasheet HTML 16Page - Texas Instruments SCAN25100TYAX/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
SCAN25100
www.ti.com
SNLS223C – SEPTEMBER 2006 – REVISED APRIL 2013
POWER DOWN
When the transmitter is powered down by pulling pin TXPWDNB down, DOUT is put into a high impedance state.
When the receiver is powered down by pulling RXPWDNB down, ROUT[9:0], LOS, LOCKB, CDET, RXCLK, and
SYSCLK are high impedance. The MDC/MDIO signal pins are not powered down when TXPWDNB and/or
RXPWDNB are low.
Resetting the SCAN25100
The SCAN25100 has a rich set of hardware and software reset functions. When performing hardware pin resets,
TXPWDNB and RXPWDNB pins or the RESETB pin must be held low for at least 1 us.
Table 1. Reset Conditions
Reset Type
What is Reset
Initial power up
All internal states and registers held at reset for 150 ms after power on. This
reset period is based on an internal counter monitoring the 30.72 MHz REFCLK
input signal.
TXPWDNB and RXPWDNB low for
≥ 1 us
All internal states and registers are reset
RESETB low for
≥ 1 us
Logic reset (including MDIO)
Write “0” to MDIO RESETB register
Logic reset (excluding MDIO)
SPMODE change
Logic reset (excluding MDIO)
TXCLK missing for
≥ 7 cycles
Transmit FIFO flushed, transmit read/write pointers reset
RXCLK missing for
≥ 7 cycles (Read Mode)
Receive FIFO flushed, receive read/write pointers reset
TRSTB (IEEE 1149.1 interface)
Only IEEE 1149.1 state machine is reset
Deterministic FIFO Delay at Start Up
To ensure synchronous operation, REFCLK, TXCLK, and RXCLK should be stable and the receiver
synchronized before data is sent into or out of the parallel buses.
SCAN25100 CLOCK DOMAINS
Most SerDes have only two clocks: a reference clock (that also acts as a transmit clock) and a receive recovered
clock. The sharing of clocks in these architectures, however, can cause loss of lock issues during RE
synchronization. To provide seamless base station synchronization, the SCAN25100 features independent
transmit and receive PLLs and four clock signals.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: SCAN25100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com