Electronic Components Datasheet Search
  English  ▼

X  

LM2575EP Datasheet(PDF) 23 Page - Texas Instruments

Part # LM2575EP
Description  SIMPLE SWITCHER 1A Step-Down Voltage Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2575EP Datasheet(HTML) 23 Page - Texas Instruments

Back Button LM2575EP Datasheet HTML 19Page - Texas Instruments LM2575EP Datasheet HTML 20Page - Texas Instruments LM2575EP Datasheet HTML 21Page - Texas Instruments LM2575EP Datasheet HTML 22Page - Texas Instruments LM2575EP Datasheet HTML 23Page - Texas Instruments LM2575EP Datasheet HTML 24Page - Texas Instruments LM2575EP Datasheet HTML 25Page - Texas Instruments LM2575EP Datasheet HTML 26Page - Texas Instruments LM2575EP Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
OBSOLETE
LM2575EP, LM2575HVEP
www.ti.com
SNVS301B – DECEMBER 2004 – REVISED APRIL 2013
UNDERVOLTAGE LOCKOUT
In some applications it is desirable to keep the regulator off until the input voltage reaches a certain threshold. An
undervoltage lockout circuit which accomplishes this task is shown in Figure 33, while Figure 34 shows the same
circuit applied to a buck-boost configuration. These circuits keep the regulator off until the input voltage reaches
a predetermined level.
VTH ≈ VZ1 + 2VBE (Q1)
(16)
DELAYED STARTUP
The ON /OFF pin can be used to provide a delayed startup feature as shown in Figure 35. With an input voltage
of 20V and for the part values shown, the circuit provides approximately 10 ms of delay time before the circuit
begins switching. Increasing the RC time constant can provide longer delay times. But excessively large RC time
constants can cause problems with input voltages that are high in 60 Hz or 120 Hz ripple, by coupling the ripple
into the ON /OFF pin.
ADJUSTABLE OUTPUT, LOW-RIPPLE
POWER SUPPLY
A 1A power supply that features an adjustable output voltage is shown in Figure 36. An additional L-C filter that
reduces the output ripple by a factor of 10 or more is included in this circuit.
Note: Complete circuit not shown.
Note: Pin numbers are for the TO-220 package.
Figure 33. Undervoltage Lockout for Buck Circuit
Note: Complete circuit not shown (see Figure 31).
Note: Pin numbers are for the TO-220 package.
Figure 34. Undervoltage Lockout
for Buck-Boost Circuit
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LM2575EP LM2575HVEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com