Electronic Components Datasheet Search
  English  ▼

X  

LM2575EP Datasheet(PDF) 12 Page - Texas Instruments

Part # LM2575EP
Description  SIMPLE SWITCHER 1A Step-Down Voltage Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2575EP Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM2575EP Datasheet HTML 8Page - Texas Instruments LM2575EP Datasheet HTML 9Page - Texas Instruments LM2575EP Datasheet HTML 10Page - Texas Instruments LM2575EP Datasheet HTML 11Page - Texas Instruments LM2575EP Datasheet HTML 12Page - Texas Instruments LM2575EP Datasheet HTML 13Page - Texas Instruments LM2575EP Datasheet HTML 14Page - Texas Instruments LM2575EP Datasheet HTML 15Page - Texas Instruments LM2575EP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
OBSOLETE
LM2575EP, LM2575HVEP
SNVS301B – DECEMBER 2004 – REVISED APRIL 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
(Circuit of Figure 25)
Maximum Power Dissipation
Feedback Pin Current
(TO-263) (See (1))
Figure 20.
Figure 21.
Switching Waveforms
Load Transient Response
VOUT = 5V
A: Output Pin Voltage, 10V/div
B: Output Pin Current, 1A/div
C: Inductor Current, 0.5A/div
D: Output Ripple Voltage, 20 mV/div,
AC-Coupled
Figure 22. Horizontal Time Base: 5
μs/div
Figure 23.
(1)
If the DDPAK package is used, the thermal resistance can be reduced by increasing the PC board copper area thermally connected to
the package: Using 0.5 square inches of copper area,
θJA is 50°C/W; with 1 square inch of copper area, θJA is 37°C/W; and with 1.6 or
more square inches of copper area,
θJA is 32°C/W.
12
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM2575EP LM2575HVEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com