Electronic Components Datasheet Search
  English  ▼

X  

LM2575EP Datasheet(PDF) 14 Page - Texas Instruments

Part # LM2575EP
Description  SIMPLE SWITCHER 1A Step-Down Voltage Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2575EP Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM2575EP Datasheet HTML 10Page - Texas Instruments LM2575EP Datasheet HTML 11Page - Texas Instruments LM2575EP Datasheet HTML 12Page - Texas Instruments LM2575EP Datasheet HTML 13Page - Texas Instruments LM2575EP Datasheet HTML 14Page - Texas Instruments LM2575EP Datasheet HTML 15Page - Texas Instruments LM2575EP Datasheet HTML 16Page - Texas Instruments LM2575EP Datasheet HTML 17Page - Texas Instruments LM2575EP Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
OBSOLETE
LM2575EP, LM2575HVEP
SNVS301B – DECEMBER 2004 – REVISED APRIL 2013
www.ti.com
LM2575EP SERIES BUCK REGULATOR DESIGN PROCEDURE
PROCEDURE (Fixed Output Voltage Versions)
EXAMPLE (Fixed Output Voltage Versions)
Given:
Given:
VOUT = Regulated Output Voltage (3.3V, 5V, 12V, or 15V)
VOUT = 5V
VIN(Max) = Maximum Input Voltage
VIN(Max) = 20V
ILOAD(Max) = Maximum Load Current
ILOAD(Max) = 0.8A
1. Inductor Selection (L1)
1. Inductor Selection (L1)
A. Select the correct Inductor value selection guide from Figure 26, A. Use the selection guide shown in Figure 27.
Figure 27, Figure 28, and Figure 29 (Output voltages of 3.3V, 5V, B. From the selection guide, the inductance area intersected by the
12V or 15V respectively). For other output voltages, see the design 20V line and 0.8A line is L330.
procedure for the adjustable version.
C. Inductor value required is 330
μH. From the table in Table 2,
B. From the inductor value selection guide, identify the inductance choose AIE 415-0926, Pulse Engineering PE-52627, or RL1952.
region intersected by VIN(Max) and ILOAD(Max), and note the
inductor code for that region.
C. Identify the inductor value from the inductor code, and select an
appropriate inductor from the table shown in Table 2. Part numbers
are listed for three inductor manufacturers. The inductor chosen
must be rated for operation at the LM2575EP switching frequency
(52 kHz) and for a current rating of 1.15 × ILOAD. For additional
inductor
information,
see
INDUCTOR
SELECTION
in
the
APPLICATION HINTS.
2. Output Capacitor Selection (COUT)
2. Output Capacitor Selection (COUT)
A. The value of the output capacitor together with the inductor A. COUT = 100 μF to 470 μF standard aluminum electrolytic.
defines the dominate pole-pair of the switching regulator loop. For B. Capacitor voltage rating = 20V.
stable
operation
and
an
acceptable
output
ripple
voltage,
(approximately 1% of the output voltage) a value between 100
μF
and 470
μF is recommended.
B. The capacitor's voltage rating should be at least 1.5 times greater
than the output voltage. For a 5V regulator, a rating of at least 8V is
appropriate, and a 10V or 15V rating is recommended.
Higher voltage electrolytic capacitors generally have lower ESR
numbers, and for this reason it may be necessary to select a
capacitor rated for a higher voltage than would normally be needed.
3. Catch Diode Selection (D1)
3. Catch Diode Selection (D1)
A. The catch-diode current rating must be at least 1.2 times greater A. For this example, a 1A current rating is adequate.
than the maximum load current. Also, if the power supply design B. Use a 30V 1N5818 or SR103 Schottky diode, or any of the
must withstand a continuous output short, the diode should have a suggested fast-recovery diodes shown in Table 1.
current rating equal to the maximum current limit of the LM2575EP.
The most stressful condition for this diode is an overload or shorted
output condition.
B. The reverse voltage rating of the diode should be at least 1.25
times the maximum input voltage.
4. Input Capacitor (CIN)
4. Input Capacitor (CIN)
An aluminum or tantalum electrolytic bypass capacitor located close A 47
μF, 25V aluminum electrolytic capacitor located near the input
to the regulator is needed for stable operation.
and ground pins provides sufficient bypassing.
14
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM2575EP LM2575HVEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com