Electronic Components Datasheet Search
  English  ▼

X  

WM8962B Datasheet(PDF) 8 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 8 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 4Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 5Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 6Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 7Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 8Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 9Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 10Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 11Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 12Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 295 page
background image
WM8962
8
Rev 4.3
PIN DESCRIPTION
PIN NO
NAME
TYPE
DESCRIPTION
A1
SPKOUTLP
Analogue Output
Left speaker positive output
A2
SPKVDD1
Supply
Supply for left speaker drivers
A3
MICVDD
Supply
Microphone bias amp supply
A4
MICBIAS
Reference
Microphone bias
A5
HPOUTR
Analogue Output
Right output (Line or headphone)
A6
CPVOUTP
Supply
Charge pump positive supply (powers HPOUTL, HPOUTR)
A7
CPVOUTN
Supply
Charge pump negative supply (powers HPOUTL, HPOUTR)
B1
SPKGND1
Supply
Ground for left speaker drivers
B2
SPKOUTRP
Analogue Output
Right speaker positive output
B3
SPKOUTLN
Analogue Output
Left speaker negative output
B4
HPOUTFB
Analogue Input
HPOUTL/R ground loop noise rejection feedback
B5
HPOUTL
Analogue Output
Left output (Line or headphone)
B6
CPCA
Analogue Input
Charge pump fly-back capacitor pin
B7
CPCB
Analogue Input
Charge pump fly-back capacitor pin
C1
SPKGND2
Supply
Ground for right speaker drivers
C2
SPKVDD2
Supply
Supply for right speaker drivers
C3
SPKOUTRN
Analogue Output
Right speaker negative output
C4
IN1L
Analogue Input
Left channel single-ended input 1
C5
VMIDC
Reference
Mid-rail voltage (AVDD/2) - (requires decoupling capacitor)
C6
CPVDD
Supply
Charge pump power supply
C7
CPGND
Supply
Charge pump ground (return path for CPVDD)
D1
DACDAT
Digital Input
DAC digital audio data
D2
ADCDAT
Digital Output
ADC digital audio data
D3
LRCLK
Digital Input / Output
Audio interface left / right clock
D4
IN1R
Analogue Input
Right channel single-ended input 1
D5
IN2L
Analogue Input
Left channel single-ended input 2
D6
AVDD
Supply
Analogue supply
D7
AGND
Supply
Analogue ground (return path for AVDD and MICVDD)
E1
BCLK
Digital Input / Output
Audio interface bit clock
E2
SDA
Digital Input / Output
Control interface data input / 2-wire acknowledge output
E3
CS
¯¯ /GPIO6
Digital Input / Output
CS
¯¯ input / Digital Microphone input / General purpose input / output
E4
CLKOUT2/GPIO2
Digital Output
PLL2 Clock output / General purpose input / output
E5
IN2R
Analogue Input
Right channel single-ended input 2
E6
IN4L
Analogue Input
Left channel single-ended input 4
E7
IN4R
Analogue Input
Right channel single-ended input 4
F1
SCLK
Digital Input
Control interface clock input
F2
CIFMODE
Digital Input
Selects 2-wire or 3 / 4-wire control wire interface
F3
DGND
Supply
Digital ground
F4
CLKOUT3/GPIO3
Digital Output
PLL3 / FLL Clock output / GPIO
F5
IN3L
Analogue Input
Left channel single-ended input 3
F6
IN3R
Analogue Input
Right channel single-ended input 3
F7
XTO
Analogue Output
xtal output
G1
GPIO5
Digital Input / Output
Digital Microphone Input / General purpose input / output
Important: See page 175 for start-up requirements.
G2
DCVDD
Supply
Digital Core Supply
G3
DBVDD
Supply
Digital Buffer Supply
G4
PLLVDD
Supply
PLL Supply
G5
PLLGND
Supply
PLL Ground
G6
CLKOUT5
Analogue Output
FLL / Oscillator Clock output
G7
MCLK / XTI
Digital Input
Master clock input / xtal input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com