Electronic Components Datasheet Search
  English  ▼

X  

WM8962B Datasheet(PDF) 9 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 9 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 5Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 6Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 7Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 8Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 9Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 10Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 11Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 12Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 13Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 295 page
background image
WM8962
Rev 4.3
9
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are stress ratings only. Permanent damage to the device may be caused by continuously operating at or
beyond these limits. Device functional operating limits and guaranteed performance specifications are given under Electrical
Characteristics at the test conditions specified.
ESD Sensitive Device. This device is manufactured on a CMOS process. It is therefore generically susceptible
to damage from excessive static voltages. Proper ESD precautions must be taken during handling and storage
of this device.
Cirrus tests its package types according to IPC/JEDEC J-STD-020 for Moisture Sensitivity to determine acceptable storage
conditions prior to surface mount assembly. These levels are:
MSL1 = unlimited floor life at <30
C / 85% Relative Humidity. Not normally stored in moisture barrier bag.
MSL2 = out of bag storage for 1 year at <30
C / 60% Relative Humidity. Supplied in moisture barrier bag.
MSL3 = out of bag storage for 168 hours at <30
C / 60% Relative Humidity. Supplied in moisture barrier bag.
The Moisture Sensitivity Level for each package type is specified in Ordering Information.
CONDITION
MIN
MAX
DCVDD, AVDD, PLLVDD
-0.3V
+2.5V
MICVDD and DBVDD
-0.3V
+4.5V
SPKVDD1, SPKVDD2
-0.3V
+7.0V
CPVDD
-0.3V
+2.2V
Voltage range digital inputs
DGND -0.3V
DBVDD +0.3V
Voltage range analogue inputs
AGND -0.3V
AVDD +0.3V
Voltage range analogue outputs (HPOUTL, HPOUTR)
-CPVDD-0.3V
+CPVDD+0.3V
Temperature Range, TA
-40
C
+85
C
Junction Temperature, TJMAX
-40
C
+150
C
Storage temperature after soldering
-65
C
+150
C
Notes:
1.
Analogue, digital and speaker grounds must always be within 0.3V of each other.
2.
All digital and analogue supplies are completely independent from each other (i.e. not internally connected).
3.
AVDD must be less than or equal to MICVDD.
4.
AVDD must be less than or equal to SPKVDD1 and SPKVDD2.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Digital core supply range
DCVDD
1.62
1.8
2.0
V
Digital buffer supply range
DBVDD
1.62
1.8
3.6
V
Microphone bias supply range
MICVDD
1.7
2.5
3.6
V
Analogue supplies range
AVDD
1.7
1.8
2.0
V
PLL supply range
PLLVDD
1.7
1.8
2.0
V
Charge pump supply range (1.8V
supply operation)
CPVDD
1.7
1.8
2.0
V
Speaker supply range
SPKVDD1, SPKVDD2
1.7
5.0
5.5
V
Ground
DGND, AGND, CPGND,
SPKGND1, SPKGND2,
PLLGND
0
V
Notes:
1.
SPKVDD1 and SPKVDD2 must be high enough to support the peak output voltage when using CLASSD_VOL function, to
avoid output waveform clipping. Peak output voltage is AVDD*CLASSD_VOL.
2.
The AGND and PLLGND pins must be tied together as close as possible to the WM8962.
3.
The WM8962 can operate with PLLVDD tied to 0V; device power consumption may be reduced, but the crystal oscillator, PLLs
and CLKOUT functions will not be supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com