Electronic Components Datasheet Search
  English  ▼

X  

WM8962B Datasheet(PDF) 101 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 101 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 97Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 98Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 99Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 100Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 101Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 102Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 103Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 104Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 105Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 295 page
background image
WM8962
Rev 4.3
101
DYNAMIC RANGE CONTROL (DRC)
VSS
HD Bass
DRC
DAC Signal Enhancement path
DAC
ReTune™
Second Order
HPF
5-band EQ
The dynamic range controller (DRC) is a circuit that can be enabled in either the digital record (ADC)
or the digital playback (DAC) path of the WM8962. Note that the DRC cannot be enabled in both
signal paths at the same time.
The function of the DRC is to adjust the signal gain in conditions where the input amplitude is
unknown or varies over a wide range, e.g. when recording from microphones built into a handheld
system.
The DRC can apply Compression and Automatic Level Control to the signal path. It incorporates
‘anti-clip’ and ‘quick release’ features for handling transients in order to improve intelligibility in the
presence of loud impulsive noises.
The DRC also incorporates a Noise Gate function, which provides additional attenuation of very low-
level input signals. This means that the signal path is quiet when no signal is present, giving an
improvement in background noise level under these conditions.
The DRC is enabled using DRC_ENA, as described in Table 55. The DRC is selected in the DAC
signal path by setting DRC_MODE = 1.
Additional registers for configuring the DRC are described in the “ADC Signal Path Enhancements”
section.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R276 (0114h)
DRC 1
1
DRC_MODE
0
DRC path select
0 = ADC path
1 = DAC path
0
DRC_ENA
0
DRC Enable
0 = Disabled
1 = Enabled
Table 55 DRC Mode and Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com