Electronic Components Datasheet Search
  English  ▼

X  

LM2679 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM2679
Description  LM2679 SIMPLE SWITCHER짰 5-A Step-Down Voltage Regulator With Adjustable Current Limit
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2679 Datasheet(HTML) 2 Page - Texas Instruments

  LM2679 Datasheet HTML 1Page - Texas Instruments LM2679 Datasheet HTML 2Page - Texas Instruments LM2679 Datasheet HTML 3Page - Texas Instruments LM2679 Datasheet HTML 4Page - Texas Instruments LM2679 Datasheet HTML 5Page - Texas Instruments LM2679 Datasheet HTML 6Page - Texas Instruments LM2679 Datasheet HTML 7Page - Texas Instruments LM2679 Datasheet HTML 8Page - Texas Instruments LM2679 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
2
LM2679
SNVS026O – MARCH 2000 – REVISED JUNE 2016
www.ti.com
Product Folder Links: LM2679
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specification........................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 5
6.5
Electrical Characteristics – 3.3 V .............................. 5
6.6
Electrical Characteristics – 5 V ................................. 5
6.7
Electrical Characteristics – 12 V ............................... 6
6.8
Electrical Characteristics – Adjustable...................... 6
6.9
Electrical Characteristics – All Output Voltage
Versions ..................................................................... 6
6.10
Typical Characteristics ............................................ 7
7
Detailed Description .............................................. 9
7.1
Overview ................................................................... 9
7.2
Functional Block Diagram ......................................... 9
7.3
Feature Description................................................... 9
7.4
Device Functional Modes........................................ 10
8
Application and Implementation ........................ 11
8.1
Application Information............................................ 11
8.2
Typical Application .................................................. 14
9
Power Supply Recommendations ...................... 26
10
Layout................................................................... 26
10.1
Layout Guidelines ................................................. 26
10.2
Layout Example .................................................... 27
11
Device and Documentation Support ................. 28
11.1
Related Documentation......................................... 28
11.2
Receiving Notification of Documentation Updates 28
11.3
Community Resources.......................................... 28
11.4
Trademarks ........................................................... 28
11.5
Electrostatic Discharge Caution ............................ 28
11.6
Glossary ................................................................ 28
12
Mechanical, Packaging, and Orderable
Information ........................................................... 28
12.1
VSON Package Devices ....................................... 28
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision N (April 2013) to Revision O
Page
•
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section. ................................................................................................. 1
•
Removed all references to Computer Design Software LM267X Made Simple (Version 6.0).............................................. 1
Changes from Revision M (April 2013) to Revision N
Page
•
Changed layout of National Data Sheet to TI format ........................................................................................................... 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com