Electronic Components Datasheet Search
  English  ▼

X  

LM2679 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM2679
Description  LM2679 SIMPLE SWITCHER짰 5-A Step-Down Voltage Regulator With Adjustable Current Limit
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2679 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM2679 Datasheet HTML 9Page - Texas Instruments LM2679 Datasheet HTML 10Page - Texas Instruments LM2679 Datasheet HTML 11Page - Texas Instruments LM2679 Datasheet HTML 12Page - Texas Instruments LM2679 Datasheet HTML 13Page - Texas Instruments LM2679 Datasheet HTML 14Page - Texas Instruments LM2679 Datasheet HTML 15Page - Texas Instruments LM2679 Datasheet HTML 16Page - Texas Instruments LM2679 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
13
LM2679
www.ti.com
SNVS026O – MARCH 2000 – REVISED JUNE 2016
Product Folder Links: LM2679
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
Application Information (continued)
8.1.7 Adjustable Current Limit, RADJ
A key feature of the LM2679 is the ability to control the peak switch current. Without this feature the peak switch
current would be internally set to 7 A or higher to accommodate 5-A load current designs. This requires that both
the inductor (which could saturate with excessively high currents) and the catch diode be able to safely handle
up to 7 A which would be conducted under load fault conditions.
If an application only requires a load current of 3 A or 4 A the peak switch current can be set to a limit just over
the maximum load current with the addition of a single programming resistor. This allows the use of less powerful
and more cost-effective inductors and diodes.
The peak switch current is equal to a factor of 37,125 divided by RADJ. A resistance of 5.6 kΩ sets the current
limit to typically 6.3 A and an RADJ of 8.25 kΩ reduces the maximum current to approximately 4.4 A. For
predictable control of the current limit, TI recommends keeping the peak switch current greater than 3 A. For
lower current applications a 3-A switching regulator with adjustable current limit, the LM2673, is available.
When the power switch reaches the current limit threshold it is immediately turned OFF and the internal switching
frequency is reduced. This extends the OFF time of the switch to prevent a steady-state high current condition.
As the switch current falls below the current limit threshold, the switch turns back ON. If a load fault continues,
the switch again exceeds the threshold and switch back OFF. This results in a low duty cycle pulsing of the
power switch to minimize the overall fault condition power dissipation.
8.1.8 Soft-Start Capacitor, CSS
This optional capacitor controls the rate at which the LM2679 starts up at power on. The capacitor is charged
linearly by an internal current source. This voltage ramp gradually increases the duty cycle of the power switch
until it reaches the normal operating duty cycle defined primarily by the ratio of the output voltage to the input
voltage. The soft-start turnon time is programmable by the selection of CSS.
The formula for selecting a soft-start capacitor is Equation 1.
where
•
ISST = Soft-start current (3.7 μA typical)
•
tSS = Soft-start time (from Detailed Design Procedure)
•
VSST = Soft-start threshold voltage (0.63 V typical)
•
VOUT = Output voltage (from Detailed Design Procedure)
•
VSCHOTTKY = Schottky diode voltage drop (0.5 V typical)
•
VIN = Maximum input voltage (from Detailed Design Procedure)
(1)
If this feature is not desired, leave the soft-start pin (pin 7) open circuited.
With certain soft-start capacitor values and operating conditions, the LM2679 can exhibit an overshoot on the
output voltage during turnon. Especially when starting up into no load or low load, the soft-start function may not
be effective in preventing a larger voltage overshoot on the output. With larger loads or lower input voltages
during start-up this effect is minimized. In particular, avoid using soft-start capacitors between 0.033 µF and 1 µF.
8.1.9 Additional Application Information
When the output voltage is greater than approximately 6 V, and the duty cycle at minimum input voltage is
greater than approximately 50%, the designer must exercise caution in selection of the output filter components.
When an application designed to these specific operating conditions is subjected to a current limit fault condition,
it may be possible to observe a large hysteresis in the current limit. This can affect the output voltage of the
device until the load current is reduced sufficiently to allow the current limit protection circuit to reset itself.
Under current limiting conditions, the LM267x is designed to respond in the following manner:
1. At the moment when the inductor current reaches the current limit threshold, the ON-pulse is immediately
terminated. This happens for any application condition.
2. However, the current limit block is also designed to momentarily reduce the duty cycle to below 50% to avoid
subharmonic oscillations, which could cause the inductor to saturate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com