Electronic Components Datasheet Search
  English  ▼

X  

LM2679 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM2679
Description  LM2679 SIMPLE SWITCHER짰 5-A Step-Down Voltage Regulator With Adjustable Current Limit
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2679 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM2679 Datasheet HTML 17Page - Texas Instruments LM2679 Datasheet HTML 18Page - Texas Instruments LM2679 Datasheet HTML 19Page - Texas Instruments LM2679 Datasheet HTML 20Page - Texas Instruments LM2679 Datasheet HTML 21Page - Texas Instruments LM2679 Datasheet HTML 22Page - Texas Instruments LM2679 Datasheet HTML 23Page - Texas Instruments LM2679 Datasheet HTML 24Page - Texas Instruments LM2679 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
21
LM2679
www.ti.com
SNVS026O – MARCH 2000 – REVISED JUNE 2016
Product Folder Links: LM2679
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
(1)
No. represents the number of identical capacitor types to be connected in parallel.
(2)
C Code indicates the Capacitor Reference number in Table 1 and Table 2 for identifying the specific component from the manufacturer.
(3)
Assumes worst case maximum input voltage and load current for a given inductance value
(4)
Check voltage rating of capacitors to be greater than application input voltage.
Table 8. Input Capacitors for Fixed Output Voltage Application—Through Hole(1)(2)(3)
OUTPUT VOLTAGE
(V)
INDUCTANCE (µH)
THROUGH HOLE
SANYO OS-CON
SA SERIES
SANYO MV-GX
SERIES
NICHICON PL
SERIES
PANASONIC HFQ
SERIES
NO.
C CODE
NO.
C CODE
NO.
C CODE
NO.
C CODE
3.3
10
2
C9
2
C8
1
C18
1
C8
15
See(4)
See(4)
2
C13
1
C25
1
C16
22
See(4)
See(4)
1
C14
1
C24
1
C16
33
See(4)
See(4)
1
C14
1
C24
1
C16
5
10
2
C7
2
C8
1
C25
1
C8
15
See(4)
See(4)
2
C8
1
C25
1
C8
22
See(4)
See(4)
2
C13
1
C25
1
C16
33
See(4)
See(4)
1
C14
1
C23
1
C13
47
See(4)
See(4)
1
C12
1
C19
1
C11
12
10
2
C10
2
C8
1
C18
1
C8
15
2
C10
2
C8
1
C18
1
C8
22
See(4)
See(4)
2
C8
1
C18
1
C8
33
See(4)
See(4)
2
C12
1
C24
1
C14
47
See(4)
See(4)
1
C14
1
C23
1
C13
68
See(4)
See(4)
1
C13
1
C21
1
C15
100
See(4)
See(4)
1
C11
1
C22
1
C11
8.2.3 Adjustable Output Design Example
Figure 19. Basic Circuit for Adjustable Output Voltage Applications
8.2.3.1 Detailed Design Procedure
In this example it is desired to convert the voltage from a two battery automotive power supply (voltage range of
20 V to 28 V, typical in large truck applications) to the 14.8-VDC alternator supply typically used to power
electronic equipment from single battery 12-V vehicle systems. The load current required is 3.5 A maximum. It is
also desired to implement the power supply with all surface mount components. Soft start is not required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com