Electronic Components Datasheet Search
  English  ▼

X  

LM2832 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM2832
Description  High Frequency 2.0A Load - Step-Down DC-DC Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2832 Datasheet(HTML) 2 Page - Texas Instruments

  LM2832 Datasheet HTML 1Page - Texas Instruments LM2832 Datasheet HTML 2Page - Texas Instruments LM2832 Datasheet HTML 3Page - Texas Instruments LM2832 Datasheet HTML 4Page - Texas Instruments LM2832 Datasheet HTML 5Page - Texas Instruments LM2832 Datasheet HTML 6Page - Texas Instruments LM2832 Datasheet HTML 7Page - Texas Instruments LM2832 Datasheet HTML 8Page - Texas Instruments LM2832 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
1
2
3
4
VINA
VIND
EN
GND
DAP
8
7
6
5
GND
FB
SW
GND
1
2
3
4
6
5
EN
FB
SW
DAP
VINA
VIND
GND
LM2832
SNVS455A – AUGUST 2006 – REVISED APRIL 2013
www.ti.com
Connection Diagrams
Figure 1. 6-Pin WSON
Figure 2. 8-Pin eMSOP-PowerPAD
PIN DESCRIPTIONS 8-PIN eMSOP-PowerPAD
Pin
Name
Function
1
VIND
Power Input supply.
2
VINA
Control circuitry supply voltage. Connect VINA to VIND on PC board.
3, 5, 7
GND
Signal and power ground pin. Place the bottom resistor of the feedback network as close as
possible to this pin.
4
EN
Enable control input. Logic high enables operation. Do not allow this pin to float or be greater than
VIN + 0.3V.
6
FB
Feedback pin. Connect to external resistor divider to set output voltage.
8
SW
Output switch. Connect to the inductor and catch diode.
DAP
Die Attach Pad
Connect to system ground for low thermal impedance, but it cannot be used as a primary GND
connection.
PIN DESCRIPTIONS 6-PIN WSON
Pin
Name
Function
1
FB
Feedback pin. Connect to external resistor divider to set output voltage.
2
GND
Signal and power ground pin. Place the bottom resistor of the feedback network as close as
possible to this pin.
3
SW
Output switch. Connect to the inductor and catch diode.
4
VIND
Power Input supply.
5
VINA
Control circuitry supply voltage. Connect VINA to VIND on PC board.
6
EN
Enable control input. Logic high enables operation. Do not allow this pin to float or be greater than
VINA + 0.3V.
DAP
Die Attach Pad
Connect to system ground for low thermal impedance, but it cannot be used as a primary GND
connection.
2
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM2832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com