Electronic Components Datasheet Search
  English  ▼

X  

LM2832 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM2832
Description  High Frequency 2.0A Load - Step-Down DC-DC Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2832 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM2832 Datasheet HTML 9Page - Texas Instruments LM2832 Datasheet HTML 10Page - Texas Instruments LM2832 Datasheet HTML 11Page - Texas Instruments LM2832 Datasheet HTML 12Page - Texas Instruments LM2832 Datasheet HTML 13Page - Texas Instruments LM2832 Datasheet HTML 14Page - Texas Instruments LM2832 Datasheet HTML 15Page - Texas Instruments LM2832 Datasheet HTML 16Page - Texas Instruments LM2832 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
PCOND = (IOUT
2 x D)
1
3
1 +
x
'iL
IOUT
2
RDSON
D =
VOUT + VD + VDCR
VIN + VD + VDCR - VSW
D =
VOUT + VD
VIN + VD - VSW
LM2832
www.ti.com
SNVS455A – AUGUST 2006 – REVISED APRIL 2013
Power loss (PLOSS) is the sum of two basic types of losses in the converter: switching and conduction.
Conduction losses usually dominate at higher output loads, whereas switching losses remain relatively fixed and
dominate at lower output loads. The first step in determining the losses is to calculate the duty cycle (D):
(17)
VSW is the voltage drop across the internal PFET when it is on, and is equal to:
VSW = IOUT x RDSON
(18)
VD is the forward voltage drop across the Schottky catch diode. It can be obtained from the diode manufactures
Electrical Characteristics section. If the voltage drop across the inductor (VDCR) is accounted for, the equation
becomes:
(19)
The conduction losses in the free-wheeling Schottky diode are calculated as follows:
PDIODE = VD x IOUT x (1-D)
(20)
Often this is the single most significant power loss in the circuit. Care should be taken to choose a Schottky
diode that has a low forward voltage drop.
Another significant external power loss is the conduction loss in the output inductor. The equation can be
simplified to:
PIND = IOUT
2 x R
DCR
(21)
The LM2832 conduction loss is mainly associated with the internal PFET:
(22)
If the inductor ripple current is fairly small, the conduction losses can be simplified to:
PCOND = IOUT
2 x R
DSON x D
(23)
Switching losses are also associated with the internal PFET. They occur during the switch on and off transition
periods, where voltages and currents overlap resulting in power loss. The simplest means to determine this loss
is to empirically measuring the rise and fall times (10% to 90%) of the switch at the switch node.
Switching Power Loss is calculated as follows:
PSWR = 1/2(VIN x IOUT x FSW x TRISE)
(24)
PSWF = 1/2(VIN x IOUT x FSW x TFALL)
(25)
PSW = PSWR + PSWF
(26)
Another loss is the power required for operation of the internal circuitry:
PQ = IQ x VIN
(27)
IQ is the quiescent operating current, and is typically around 2.5mA for the 0.55MHz frequency option.
Typical Application power losses are:
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM2832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com