Electronic Components Datasheet Search
  English  ▼

X  

LM2832 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM2832
Description  High Frequency 2.0A Load - Step-Down DC-DC Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2832 Datasheet(HTML) 1 Page - Texas Instruments

  LM2832 Datasheet HTML 1Page - Texas Instruments LM2832 Datasheet HTML 2Page - Texas Instruments LM2832 Datasheet HTML 3Page - Texas Instruments LM2832 Datasheet HTML 4Page - Texas Instruments LM2832 Datasheet HTML 5Page - Texas Instruments LM2832 Datasheet HTML 6Page - Texas Instruments LM2832 Datasheet HTML 7Page - Texas Instruments LM2832 Datasheet HTML 8Page - Texas Instruments LM2832 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
GND
FB
EN
VIN
SW
VIN = 5V
C1
R3
D1
L1
R2
R1
C2
C3
VO = 3.3V @ 2.0A
LM2832
LM2832
www.ti.com
SNVS455A – AUGUST 2006 – REVISED APRIL 2013
LM2832 High Frequency 2.0A Load - Step-Down DC-DC Regulator
Check for Samples: LM2832
1
FEATURES
DESCRIPTION
The LM2832 regulator is a monolithic, high frequency,
2
•
Input Voltage Range of 3.0V to 5.5V
PWM step-down DC/DC converter in a 6 Pin WSON
•
Output Voltage Range of 0.6V to 4.5V
and a 8 Pin eMSOP-PowerPAD package. It provides
•
2.0A Output Current
all the active functions to provide local DC/DC
conversion with fast transient response and accurate
•
High Switching Frequencies
regulation in the smallest possible PCB area. With a
–
1.6MHz (LM2832X)
minimum of external components, the LM2832 is
–
0.55MHz (LM2832Y)
easy to use. The ability to drive 2.0A loads with an
internal 150 m
Ω PMOS switch using state-of-the-art
–
3.0MHz (LM2832Z)
0.5 µm BiCMOS technology results in the best power
•
150m
Ω PMOS Switch
density available. The world-class control circuitry
•
0.6V, 2% Internal Voltage Reference
allows on-times as low as 30ns, thus supporting
exceptionally high frequency conversion over the
•
Internal Soft-Start
entire 3V to 5.5V input operating range down to the
•
Current Mode, PWM Operation
minimum output voltage of 0.6V. Switching frequency
•
Thermal Shutdown
is internally set to 550 kHz, 1.6 MHz, or 3.0 MHz,
•
Over Voltage Protection
allowing the use of extremely small surface mount
inductors and chip capacitors. Even though the
operating frequency is high, efficiencies up to 93%
APPLICATIONS
are easy to achieve. External shutdown is included,
•
Local 5V to Vcore Step-Down Converters
featuring an ultra-low stand-by current of 30 nA. The
•
Core Power in HDDs
LM2832 utilizes current-mode control and internal
compensation to provide high-performance regulation
•
Set-Top Boxes
over a wide range of operating conditions. Additional
•
USB Powered Devices
features include internal soft-start circuitry to reduce
•
DSL Modems
inrush current, pulse-by-pulse current limit, thermal
shutdown, and output over-voltage protection.
Typical Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM2832

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2832 NSC-LM2832 Datasheet
893Kb / 27P
High Frequency 2.0A Load - Step-Down DC-DC Regulator
logo
Texas Instruments
LM2832 TI1-LM2832 Datasheet
1Mb / 33P
High Frequency 2.0A Load - Step-Down DC-DC Regulator
LM2832 TI2-LM2832 Datasheet
806Kb / 36P
LM2832 High Frequency 2.0A Load - Step-Down DC-DC Regulator
REVISED APRIL 2013
logo
National Semiconductor ...
LM2832XMY NSC-LM2832XMY Datasheet
893Kb / 27P
High Frequency 2.0A Load - Step-Down DC-DC Regulator
logo
Texas Instruments
LM2832XMY/NOPB TI2-LM2832XMY/NOPB Datasheet
806Kb / 36P
LM2832 High Frequency 2.0A Load - Step-Down DC-DC Regulator
REVISED APRIL 2013
More results

Similar Description - LM2832

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2736 NSC-LM2736 Datasheet
444Kb / 22P
Thin SOT23 750mA Load Step-Down DC-DC Regulator
LM2830 NSC-LM2830 Datasheet
860Kb / 24P
High Frequency 1.0A Load - Step-Down DC-DC Regulator
LM2831 NSC-LM2831 Datasheet
890Kb / 27P
High Frequency 1.5A Load - Step-Down DC-DC Regulator
LM2832 NSC-LM2832 Datasheet
893Kb / 27P
High Frequency 2.0A Load - Step-Down DC-DC Regulator
LM26420 NSC-LM26420 Datasheet
635Kb / 28P
Dual 2.0A, High Frequency Synchronous Step-Down DC-DC Regulator
logo
Texas Instruments
LM2831 TI1-LM2831_14 Datasheet
1Mb / 34P
High Frequency 1.5A Load - Step-Down DC-DC Regulator
LM2832 TI1-LM2832_14 Datasheet
1Mb / 33P
High Frequency 2.0A Load - Step-Down DC-DC Regulator
LM2830 TI-LM2830_15 Datasheet
1Mb / 37P
LM2830/-Q1 High-Frequency 1.0-A Load Step-Down DC-DC Regulator
LM2831 TI-LM2831_15 Datasheet
1Mb / 38P
LM2831 High-Frequency 1.5-A Load ??Step-Down DC-DC Regulator
logo
Chip Advanced Technolog...
CAT7105 CAT-CAT7105 Datasheet
758Kb / 12P
2.0A High Efficiency Step-Down DC/DC Converter
May-2007 Rev:0.94
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com