Electronic Components Datasheet Search
  English  ▼

X  

SE9120 Datasheet(PDF) 5 Page - Seaward Electronics Inc.

Part # SE9120
Description  SE9120??툜?②?溫←쉪訝랺E9020?띶릦鵝욜뵪?꾥뒸?
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAWARD [Seaward Electronics Inc.]
Direct Link  http://www.seawardinc.com
Logo SEAWARD - Seaward Electronics Inc.

SE9120 Datasheet(HTML) 5 Page - Seaward Electronics Inc.

  SE9120 Datasheet HTML 1Page - Seaward Electronics Inc. SE9120 Datasheet HTML 2Page - Seaward Electronics Inc. SE9120 Datasheet HTML 3Page - Seaward Electronics Inc. SE9120 Datasheet HTML 4Page - Seaward Electronics Inc. SE9120 Datasheet HTML 5Page - Seaward Electronics Inc. SE9120 Datasheet HTML 6Page - Seaward Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2011/09/20
内容如有变动,恕不先行通知
北京思旺电子技术有限公司 • www.seawardinc.com.cn • 第 5 页
SOP-14 封装图
符号
毫米
最小值
典型值
最大值
A
-
-
1.75
A1
0.05
-
0.225
A2
1.30
1.40
1.50
A3
0.60
0.65
0.70
b
0.39
-
0.48
b1
0.38
0.41
0.43
c
0.21
-
0.26
c1
0.19
0.20
0.21
D
8.45
8.65
8.85
E
5.80
6.00
6.20
E1
3.70
3.90
4.10
e
1.27BSC
h
0.25
-
0.50
L
0.50
-
0.80
L1
1.05BSC
θ
0
-
8°



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com