Electronic Components Datasheet Search
  English  ▼

X  

LM3262 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM3262
Description  Miniature, Adjustable, Step-Down DC-DC Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3262 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM3262 Datasheet HTML 7Page - Texas Instruments LM3262 Datasheet HTML 8Page - Texas Instruments LM3262 Datasheet HTML 9Page - Texas Instruments LM3262 Datasheet HTML 10Page - Texas Instruments LM3262 Datasheet HTML 11Page - Texas Instruments LM3262 Datasheet HTML 12Page - Texas Instruments LM3262 Datasheet HTML 13Page - Texas Instruments LM3262 Datasheet HTML 14Page - Texas Instruments LM3262 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
LM3262
www.ti.com
SNVS875O – AUGUST 2012 – REVISED DECEMBER 2015
7 Detailed Description
7.1 Overview
The LM3262 is a simple, step-down DC-DC converter optimized for powering RF power amplifiers (PAs) in
mobile phones, portable communicators, and similar battery powered RF devices. It is designed to allow the RF
PA to operate at maximum efficiency over a wide range of power levels from a single li-ion battery cell. The
device is based on a voltage-mode buck architecture, with synchronous rectification for high efficiency. It is
designed for a maximum load capability of 800 mA in PWM mode. Maximum load range may vary from this
depending on input voltage, output voltage, and the inductor chosen.
There are five modes of operation depending on the current required: pulse width modulation (PWM), ECOnomy
(ECO), bypass (BP), sleep, and shutdown. (See Table 1.) The LM3262 operates in PWM mode at higher load
current conditions. Lighter loads cause the device to automatically switch into ECO mode. Shutdown mode turns
the device off and reduces battery consumption to 0.1 µA (typical).
DC PWM mode output voltage precision is ±2% for 3.6 VOUT. Efficiency is approximately 93% (typical) for a
500-mA load with 3.4-V output, 3.8-V input. The output voltage is dynamically programmable from 0.4 V to 3.6 V
by adjusting the voltage on the control pin (VCON) without the need for external feedback resistors. This ensures
longer battery life by being able to change the PA supply voltage dynamically depending on its transmitting
power.
Additional features include current overload protection and thermal overload shutdown.
The LM3262 is constructed using a chip-scale, 9-pin DSBGA package. This package offers the smallest possible
size for space-critical applications, such as cell phones, where board area is an important design consideration.
Use of a high switching frequency (6 MHz, typical) reduces the size of external components. As shown in the
Typical Application Circuit, only three external power components are required for implementation. Use of a
DSBGA package requires special design considerations for implementation. (See DSBGA Assembly and Use.)
The fine bump-pitch of the DSBGA package requires careful board design and precision assembly equipment.
Use of this package is best suited for opaque-case applications, where its edges are not subject to high-intensity
ambient red or infrared light. Also, the system controller must set EN low during power-up and other low supply
voltage conditions. (See Shutdown Mode.)
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3262



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com