Electronic Components Datasheet Search
  English  ▼

X  

LM3262 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM3262
Description  Miniature, Adjustable, Step-Down DC-DC Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3262 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM3262 Datasheet HTML 8Page - Texas Instruments LM3262 Datasheet HTML 9Page - Texas Instruments LM3262 Datasheet HTML 10Page - Texas Instruments LM3262 Datasheet HTML 11Page - Texas Instruments LM3262 Datasheet HTML 12Page - Texas Instruments LM3262 Datasheet HTML 13Page - Texas Instruments LM3262 Datasheet HTML 14Page - Texas Instruments LM3262 Datasheet HTML 15Page - Texas Instruments LM3262 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
SW
VCON
FB
EN
VIN
PGND
OSCILLATOR
RAMP
GENERATOR
OUTPUT SHORT
PROTECTION
THERMAL
SHUTDOWN
DRIVER
CONTROL LOGIC
PWM
COMP.
Ref3
Ref2
NCP
OVER-VOLTAGE
DETECTOR
DELAY
ERROR
AMP
OLP
Ref4
LIGHT-LOAD
CHECK COMP
ECO COMP
BYPASS
VCON
BPEN
FB
2/5
Ref1
+
+
SGND
STANDBY COMP
Ref5
1.5V
-
LM3262
SNVS875O – AUGUST 2012 – REVISED DECEMBER 2015
www.ti.com
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Circuit Operation
Referring to the Functional Block Diagram, the LM3262 operates as follows. During the first part of each
switching cycle, the control block in the LM3262 turns on the internal top-side PFET switch. This allows current to
flow from the input through the inductor to the output filter capacitor and load. The inductor limits the current to a
ramp with a slope of around (VIN – VOUT) / L, by storing energy in a magnetic field. During the second part of
each cycle, the controller turns the PFET switch off, blocking current flow from the input, and then turns the
bottom-side NFET synchronous rectifier on. In response, the magnetic field of the inductor collapses, generating
a voltage that forces current from ground through the synchronous rectifier to the output filter capacitor and load.
As the stored energy is transferred back into the circuit and depleted, the inductor current ramps down with a
slope around VOUT / L. The output filter capacitor stores charge when the inductor current is high and releases it
when low, smoothing the voltage across the load.
The output voltage is regulated by modulating the PFET switch on time to control the average current sent to the
load. The effect is identical to sending a duty-cycle modulated rectangular wave formed by the switch and
synchronous rectifier at SW to a low-pass filter formed by the inductor and output filter capacitor. The output
voltage is equal to the average voltage at the SW pin.
12
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: LM3262



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com