Electronic Components Datasheet Search
  English  ▼

X  

LM3262 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM3262
Description  Miniature, Adjustable, Step-Down DC-DC Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3262 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM3262 Datasheet HTML 13Page - Texas Instruments LM3262 Datasheet HTML 14Page - Texas Instruments LM3262 Datasheet HTML 15Page - Texas Instruments LM3262 Datasheet HTML 16Page - Texas Instruments LM3262 Datasheet HTML 17Page - Texas Instruments LM3262 Datasheet HTML 18Page - Texas Instruments LM3262 Datasheet HTML 19Page - Texas Instruments LM3262 Datasheet HTML 20Page - Texas Instruments LM3262 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
ISAT > IOUT_MAX + IRIPPLE
VOUT
VIN
©
§
VIN - VOUT
2 x L
©
§
x
IRIPPLE =
x
1
f
©
§
where
LM3262
www.ti.com
SNVS875O – AUGUST 2012 – REVISED DECEMBER 2015
8.2.2.1.1
Method 1
The saturation current must be greater than the sum of the maximum load current and the worst-case average-
to-peak inductor current. This is shown in Equation 1 :
where
•
IRIPPLE: average-to-peak inductor current
•
IOUT_MAX: maximum load current (800 mA)
•
VIN: maximum input voltage in application
•
L: minimum inductor value including worst-case tolerances (30% drop can be considered for Method 1)
•
F: minimum switching frequency (5.7 MHz)
•
VOUT: output voltage
(1)
8.2.2.1.2
Method 2
A more conservative and recommended approach is to choose an inductor than can handle the maximum
current limit of 1600 mA.
The resistance of the inductor must be less than 0.1
Ω for good efficiency. Table 3 lists suggested inductors and
suppliers.
Table 3. Suggested Inductors
MODEL
SIZE (W × L × H) (mm)
VENDOR
LQM21PNR50XGHL11
2 × 1.25 × 1
Murata
MIPSZ2012D0R5
2 × 1.2 × 1
FDK
LQM21PNR54MG0
2 × 1.25 × 0.9
Murata
LQM2MPNR47NG0
2 × 1.6 × 0.9
Murata
CIG21LR47M
2 × 1.25 × 1
Samsung
CKP2012NR47M
2 × 1.25 × 1
Taiyo Yuden
8.2.2.2 Capacitor Selection
The LM3262 is designed for use with ceramic capacitors for its input and output filters. Use a 10-µF ceramic
capacitor for input and a sum total of 4.7-µF ceramic capacitance for the output. They should maintain at least
50% capacitance at DC bias and temperature conditions. Ceramic capacitors types such as X5R, X7R, and B
are recommended for both filters. These provide an optimal balance between small size, cost, reliability, and
performance for cell phones and similar applications. Table 4 lists some suggested part numbers and suppliers.
DC-bias characteristics of the capacitors must be considered when selecting the voltage rating and case size of
the capacitor. If it is necessary to choose a 0603 (1608) size capacitor for VIN and 0402 (1005) size capacitor for
VOUT, the operation of the LM3262 must be carefully evaluated on the system board. Use of a 2.2-µF capacitor in
conjunction with multiple 0.47-µF or 1-µF capacitors in parallel may also be considered when connecting to
power amplifier devices that require local decoupling.
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM3262



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com