Electronic Components Datasheet Search
  English  ▼

X  

LM3405 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM3405
Description  Constant Current Buck Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3405 Datasheet(HTML) 2 Page - Texas Instruments

  LM3405 Datasheet HTML 1Page - Texas Instruments LM3405 Datasheet HTML 2Page - Texas Instruments LM3405 Datasheet HTML 3Page - Texas Instruments LM3405 Datasheet HTML 4Page - Texas Instruments LM3405 Datasheet HTML 5Page - Texas Instruments LM3405 Datasheet HTML 6Page - Texas Instruments LM3405 Datasheet HTML 7Page - Texas Instruments LM3405 Datasheet HTML 8Page - Texas Instruments LM3405 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
1
2
3
6
5
4
BOOST
GND
FB
SW
VIN
EN/DIM
1
2
3
6
5
4
LM3405
SNVS429B – OCTOBER 2006 – REVISED MAY 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Connection Diagram
Figure 1. 6-Lead SOT
Figure 2. Pin 1 Identification
See Package Number DDC (R-PDSO-G6)
PIN DESCRIPTIONS
Pin(s)
Name
Application Information
Voltage at this pin drives the internal NMOS power switch. A bootstrap capacitor is connected between the
1
BOOST
BOOST and SW pins.
Signal and Power ground pin. Place the LED current-setting resistor as close as possible to this pin for accurate
2
GND
current regulation.
3
FB
Feedback pin. Connect an external resistor from FB to GND to set the LED Current.
Enable control input. Logic high enables operation. Toggling this pin with a periodic logic square wave of
4
EN/DIM
varying duty cycle at different frequencies controls the brightness of LEDs. Do not allow this pin to float or be
greater than VIN + 0.3V.
5
VIN
Input supply voltage. Connect a bypass capacitor locally from this pin to GND.
6
SW
Switch pin. Connect this pin to the inductor, catch diode, and bootstrap capacitor.
ABSOLUTE MAXIMUM RATINGS
(1)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors
for availability and specifications.
VALUE / UNIT
VIN
–0.5V to 20V
SW Voltage
–0.5V to 20V
Boost Voltage
–0.5V to 26V
Boost to SW Voltage
–0.5V to 6.0V
FB Voltage
–0.5V to 3.0V
EN/DIM Voltage
–0.5V to (VIN + 0.3V)
Junction Temperature
150°C
ESD Susceptibility (2)
2kV
Storage Temperature
–65°C to +150°C
Soldering Information Infrared/Convection Reflow (15sec)
220°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings define the conditions under
which the device is intended to be functional. For specific specifications and test conditions, see the Electrical Characteristics.
(2)
Human body model, 1.5k
Ω in series with 100pF.
2
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM3405



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com